Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 124 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 124 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 120Page - Texas Instruments DP83256 Datasheet HTML 121Page - Texas Instruments DP83256 Datasheet HTML 122Page - Texas Instruments DP83256 Datasheet HTML 123Page - Texas Instruments DP83256 Datasheet HTML 124Page - Texas Instruments DP83256 Datasheet HTML 125Page - Texas Instruments DP83256 Datasheet HTML 126Page - Texas Instruments DP83256 Datasheet HTML 127Page - Texas Instruments DP83256 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 146 page
background image
70 Electrical Characteristics (Continued)
AC Characteristics for the PMD Interface Inputs (ANSI Specifications)
The following input signals are covered PMD Indicate Data (PMID) Receive Data In (RXD
IN) Receive Clock In (RXC
IN)
Note
The Alternate PMD Interface is only available on the 160 pin DP83257 PLAYERa Device and the 100 pin DP83256-AP Device The Transmit Clock is
enabled by the CGMREGTXCE bit The rest of the Alternate PMD Interface is enabled by the APMDREGAPMDEN bit
All comments in square brackets are section references to the ANSI documents where these specifications can be found
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T53
CRM Window Recognition Region
PMD E2
b
33
ns
(PMID Inputs)
T54
PMID Receive Clock Tolerance
PHY 524
b
100
100
ppm
(Lock Acquisition Range)
T55
Receive Clock Acquisition Time
From 1st Data
100
m
s
and SD Active
PHY 526
T56
Receive Clock Acquisition Time
From Line State
15
m
s
Change
PHY 526
TLF11708 – 54
TLF11708 – 55
FIGURE 7-13 Alternate PMD Input Timing DiagramsANSI Specifications
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com