Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 12Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 13Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 14Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 15Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 16Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 17Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 18Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
4.3
Output Multiplexing and Control
Output multiplexing will be used in the device. The multiplexing is used to allow development of additional
package and feature combinations as well as to maintain pinout compatibility with the marketing device
family.
In all cases indicated as multiplexed, the output buffers are multiplexed.
4.3.1
Notes on Output Multiplexing
Table 4-17 shows the output signal multiplexing and control signals for selecting the desired functionality
for each pin.
•
The pins default to the signal defined by the DEFAULT FUNCTION column in Table 4-17
•
The CONTROL 1, CONTROL 2, and CONTROL 3 columns indicate the multiplexing control register and the bit
that must be set in order to select the corresponding functionality to be output on any particular pin.
For example, consider the multiplexing on pin 18, shown in Table 4-18 .
Table 4-17. Output Mux Options
DEFAULT
100 PZ PIN
CONTROL 1
OPTION2
CONTROL 2
OPTION 3
CONTROL 3
FUNCTION
1
GIOA[0]
PINMMR0[8]
SPI3nCS[3]
PINMMR0[9]
–
–
2
GIOA[1]
PINMMR1[0]
SPI3nCS[2]
PINMMR1[1]
–
–
5
GIOA[2]
PINMMR1[8]
SPI3nCS[1]
PINMMR1[9]
–
–
8
GIOA[3]
PINMMR1[16]
SPI2nCS[3]
PINMMR1[17]
–
–
9
GIOA[4]
PINMMR1[24]
SPI2nCS[2]
PINMMR1[25]
–
–
10
GIOA[5]
PINMMR2[0]
EXTCLKIN
PINMMR2[1]
–
–
12
GIOA[6]
PINMMR2[8]
SPI2nCS[1]
PINMMR2[9]
N2HET[31]
PINMMR2[10]
18
GIOA[7]
PINMMR2[16]
N2HET[29]
PINMMR2[17]
–
–
93
MIBSPI1nCS[1]
PINMMR6[8]
EQEPS
PINMMR6[9]
N2HET[17]
PINMMR6[10]
27
MIBSPI1nCS[2]
PINMMR3[0]
N2HET[20]
PINMMR3[1]
N2HET[19]
PINMMR3[2]
39
MIBSPI1nCS[3]
PINMMR4[8]
N2HET[26]
PINMMR4[9]
–
–
68
MIBSPI1nENA
PINMMR5[8]
N2HET[23]
PINMMR5[9]
N2HET[30]
PINMMR5[10]
36
SPI3CLK
PINMMR3[16]
EQEPA
PINMMR3[17]
–
–
38
SPI3nCS[0]
PINMMR4[0]
EQEPI
PINMMR4[1]
–
–
37
SPI3nENA
PINMMR3[24]
EQEPB
PINMMR3[25]
–
–
58
ADEVT
PINMMR4[16]
N2HET[28]
PINMMR4[17]
–
–
Table 4-18. Muxing Example
100 PZ PIN
DEFAULT
CONTROL 1
OPTION2
CONTROL 2
OPTION 3
CONTROL 3
FUNCTION
18
GIOA[7]
PINMMR2[16]
N2HET[29]
PINMMR2[17]
–
–
•
When GIOA[7] is configured as an output pin in the GPIO module control register, then the programmed output
level appears on pin 18 by default. The PINMMR2[16] bit is set by default to indicate that the GIOA[7] signal is
selected to be output.
•
If the application must output the N2HET[29] signal on pin 18, it must clear PINMMR2[16] and set PINMMR2[17].
•
The pin is connected as input to both the GPIO and N2HET modules. That is, there is no input multiplexing on this
pin.
16
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com