Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 59Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 60Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 61Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 62Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 63Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 64Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 65Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 66Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
6.18 Reset / Abort / Error Sources
Table 6-27. Reset/Abort/Error Sources
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
GROUP.CHANNEL
CPU TRANSACTIONS
Precise write error (NCNB/Strongly Ordered)
User/Privilege
Precise Abort (CPU)
n/a
Precise read error (NCB/Device or Normal)
User/Privilege
Precise Abort (CPU)
n/a
Imprecise write error (NCB/Device or Normal)
User/Privilege
Imprecise Abort (CPU)
n/a
Undefined Instruction Trap
Illegal instruction
User/Privilege
n/a
(CPU)(1)
MPU access violation
User/Privilege
Abort (CPU)
n/a
SRAM
B0 TCM (even) ECC single error (correctable)
User/Privilege
ESM
1.26
Abort (CPU), ESM
→
B0 TCM (even) ECC double error (noncorrectable)
User/Privilege
3.3
nERROR
B0 TCM (even) uncorrectable error (that is, redundant
User/Privilege
ESM
→ NMI → nERROR
2.6
address decode)
B0 TCM (even) address bus parity error
User/Privilege
ESM
→ NMI → nERROR
2.10
B1 TCM (odd) ECC single error (correctable)
User/Privilege
ESM
1.28
Abort (CPU), ESM
→
B1 TCM (odd) ECC double error (noncorrectable)
User/Privilege
3.5
nERROR
B1 TCM (odd) uncorrectable error (that is, redundant
User/Privilege
ESM
→ NMI → nERROR
2.8
address decode)
B1 TCM (odd) address bus parity error
User/Privilege
ESM
→ NMI → nERROR
2.12
FLASH WITH CPU BASED ECC
FMC correctable error - Bus1 and Bus2 interfaces (does
User/Privilege
ESM
1.6
not include accesses to EEPROM bank)
FMC uncorrectable error - Bus1 accesses
Abort (CPU), ESM
→
User/Privilege
3.7
(does not include address parity error)
nERROR
FMC uncorrectable error - Bus2 accesses
(does not include address parity error and EEPROM bank
User/Privilege
ESM
→ nERROR
3.7
accesses)
FMC uncorrectable error - address parity error on Bus1
User/Privilege
ESM
→ NMI → nERROR
2.4
accesses
FMC correctable error - Accesses to EEPROM bank
User/Privilege
ESM
1.35
FMC uncorrectable error - Accesses to EEPROM bank
User/Privilege
ESM
1.36
HIGH-END TIMER TRANSFER UNIT (HTU)
NCNB (Strongly Ordered) transaction with slave error
User/Privilege
Interrupt
→ VIM
n/a
response
External imprecise error (Illegal transaction with ok
User/Privilege
Interrupt
→ VIM
n/a
response)
Memory access permission violation
User/Privilege
ESM
1.9
Memory parity error
User/Privilege
ESM
1.8
N2HET
Memory parity error
User/Privilege
ESM
1.7
MIBSPI
MibSPI1 memory parity error
User/Privilege
ESM
1.17
MIBADC
MibADC Memory parity error
User/Privilege
ESM
1.19
DCAN
DCAN1 memory parity error
User/Privilege
ESM
1.21
(1)
The Undefined Instruction TRAP is NOT detectable outside the CPU. The trap is taken only if the instruction reaches the execute stage
of the CPU.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
63
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com