Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 82Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 83Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 84Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 85Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 86Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 87Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 88Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 89Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
7.7.4
MibSPI/SPI Master Mode I/O Timing Specifications
Table 7-13. SPI Master Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = output, SPISIMO
= output, and SPISOMI = input)(1)(2)(3)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPICLK(4)
40
256tc(VCLK)
ns
Pulse duration, SPICLK high (clock polarity =
tw(SPCH)M
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
0)
2(5)
ns
Pulse duration, SPICLK low (clock polarity =
tw(SPCL)M
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
1)
Pulse duration, SPICLK low (clock polarity =
tw(SPCL)M
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
0)
3(5)
ns
Pulse duration, SPICLK high (clock polarity =
tw(SPCH)M
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
1)
Delay time, SPISIMO valid before SPICLK
td(SPCH-SIMO)M
0.5tc(SPC)M – 6
low (clock polarity = 0)
4(5)
ns
Delay time, SPISIMO valid before SPICLK
td(SPCL-SIMO)M
0.5tc(SPC)M – 6
high (clock polarity = 1)
Valid time, SPISIMO data valid after SPICLK
tv(SPCL-SIMO)M
0.5tc(SPC)M – tf(SPC) – 4
low (clock polarity = 0)
5(5)
ns
Valid time, SPISIMO data valid after SPICLK
tv(SPCH-SIMO)M
0.5tc(SPC)M – tr(SPC) – 4
high (clock polarity = 1)
Setup time, SPISOMI before SPICLK low
tsu(SOMI-SPCL)M
tf(SPC) + 2.2
(clock polarity = 0)
6(5)
ns
Setup time, SPISOMI before SPICLK high
tsu(SOMI-SPCH)M
tr(SPC) + 2.2
(clock polarity = 1)
Hold time, SPISOMI data valid after SPICLK
th(SPCL-SOMI)M
10
low (clock polarity = 0)
7(5)
ns
Hold time, SPISOMI data valid after SPICLK
th(SPCH-SOMI)M
10
high (clock polarity = 1)
C2TDELAY*tc(VCLK) + 2*tc(VCLK) -
(C2TDELAY+2) * tc(VCLK) - tf(SPICS) +
CSHOLD = 0
Setup time CS active until
tf(SPICS) + tr(SPC) – 7
tr(SPC) + 5.5
SPICLK high (clock
ns
C2TDELAY*tc(VCLK) + 3*tc(VCLK) -
(C2TDELAY+3) * tc(VCLK) - tf(SPICS) +
polarity = 0)
CSHOLD = 1
tf(SPICS) + tr(SPC) – 7
tr(SPC) + 5.5
8(6)
tC2TDELAY
C2TDELAY*tc(VCLK) + 2*tc(VCLK) -
(C2TDELAY+2) * tc(VCLK) - tf(SPICS) +
CSHOLD = 0
Setup time CS active until
tf(SPICS) + tf(SPC) – 7
tf(SPC) + 5.5
SPICLK low (clock polarity
ns
C2TDELAY*tc(VCLK) + 3*tc(VCLK) -
(C2TDELAY+3) * tc(VCLK) - tf(SPICS) +
= 1)
CSHOLD = 1
tf(SPICS) + tf(SPC) – 7
tf(SPC) + 5.5
Hold time SPICLK low until CS inactive
0.5*tc(SPC)M + T2CDELAY*tc(VCLK) +
0.5*tc(SPC)M + T2CDELAY*tc(VCLK) +
ns
(clock polarity = 0)
tc(VCLK) - tf(SPC) + tr(SPICS) - 7
tc(VCLK) - tf(SPC) + tr(SPICS) + 11
9(6)
tT2CDELAY
Hold time SPICLK high until CS inactive
0.5*tc(SPC)M + T2CDELAY*tc(VCLK) +
0.5*tc(SPC)M + T2CDELAY*tc(VCLK) +
ns
(clock polarity = 1)
tc(VCLK) - tr(SPC) + tr(SPICS) - 7
tc(VCLK) - tr(SPC) + tr(SPICS) + 11
(C2TDELAY+1) * tc(VCLK) - tf(SPICS) –
ns
10
tSPIENA
SPIENAn Sample point
(C2TDELAY+1)*tc(VCLK)
29
11
tSPIENAW
SPIENAn Sample point from write to buffer
(C2TDELAY+2)*tc(VCLK)
ns
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is cleared.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK)
(3)
For rise and fall timings, see Table 5-6.
(4)
When the SPI is in Master mode, the following must be true:
For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(VCLK) ≥ 40 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 40 ns.
The external load on the SPICLK pin must be less than 60 pF.
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY is programmed in the SPIDELAY register
86
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com