Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 75Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 76Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 77Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 78Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 79Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 80Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 81Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 82Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
N2HETx
3
4
2
1
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
7.4
Enhanced High-End Timer (N2HET)
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse width modulated outputs,
capture or compare inputs, or general-purpose I/O.. It is especially well suited for applications requiring
multiple sensor information and drive actuators with complex and accurate time pulses.
7.4.1
Features
The N2HET module has the following features:
•
Programmable timer for input and output timing functions
•
Reduced instruction set (30 instructions) for dedicated time and angle functions
•
128 words of instruction RAM protected by parity
•
User defined number of 25-bit virtual counters for timer, event counters and angle counters
•
7-bit hardware counters for each pin allow up to 32-bit resolution in conjunction with the 25-bit virtual
counters
•
Up to 19 pins usable for input signal measurements or output signal generation
•
Programmable suppression filter for each input pin with adjustable limiting frequency
•
Low CPU overhead and interrupt load
•
Efficient data transfer to or from the CPU memory with dedicated High-End-Timer Transfer Unit (HTU)
•
Diagnostic capabilities with different loopback mechanisms and pin status readback functionality
7.4.2
N2HET RAM Organization
The timer RAM uses 4 RAM banks, where each bank has two port access capability. This means that one
RAM address may be written while another address is read. The RAM words are 96-bits wide, which are
split into three 32-bit fields (program, control, and data).
7.4.3
Input Timing Specifications
The N2HET instructions PCNT and WCAP impose some timing constraints on the input signals.
Figure 7-5. N2HET Input Capture Timings
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
79
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com