Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 38Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 39Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 40Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 41Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 42Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 43Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 44Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 45Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
Table 6-15. DCC Counter 1 Clock Sources
TEST MODE
KEY [3:0]
CLOCK SOURCE [3:0]
CLOCK NAME
Others
–
N2HET[31]
Main PLL free-running clock
0x0
output
0x1
n/a
0x2
Low-frequency LPO
0xA
0x3
High-frequency LPO
0
0x4
Flash HD pump oscillator
0x5
EXTCLKIN
0x6
n/a
0x7
Ring oscillator
0x8 - 0xF
VCLK
1
X
X
HCLK
42
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com