Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 90Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 91Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 92Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 93Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 94Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 95Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 96Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 97Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
EQEPA
VIM
EQEPINTn
EQEP
Module
I/O
MUX
CTRL
EQEPENCLK
EQEPIO
EQEPI
VBUSP Interface
VCLK
EQEPB
EQEPIOE
EQEPSO
EQEPS
EQEPSOE
NHETnDIS_SEL
EQEP
CLK
GATE
CDDISx.9
VCLK
ACK
CLKSTOP_REQ
SYS_nRST
NHET
VCLK2
nDIS
GIOA[5]
EQEPERR
nEQEPERR
_SYNC
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
7.8
Enhanced Quadrature Encoder (eQEP)
Figure 7-14 shows the eQEP module interconnections on the device.
Figure 7-14. eQEP Module Interconnections
7.8.1
Clock Enable Control for eQEPx Modules
The device level control of the eQEP clock is accomplished through the enable/disable of the VCLK clock
domain for eQEP only. This is realized using bit 9 of the CLKDDIS register. The eQEP clock source is
enabled by default.
7.8.2
Using eQEPx Phase Error
The eQEP module sets the EQEPERR signal output whenever a phase error is detected in its inputs
EQEPxA and EQEPxB. This error signal from both the eQEP modules is input to the connection selection
multiplexor. As shown in Figure 7-14, the output of this selection multiplexor is inverted and connected to
the N2HET module. This connection allows the application to define the response to a phase error
indicated by the eQEP modules.
7.8.3
Input Connections to eQEPx Modules
The input connections to each of the eQEP modules can be selected between a double-VCLK-
synchronized input or a double-VCLK-synchronized and filtered input, as shown in Table 7-17.
Table 7-17. Device-Level Input Synchronization
CONTROL FOR DOUBLE-SYNCHRONIZED
CONTROL FOR DOUBLE-SYNCHRONIZED
INPUT SIGNAL
CONNECTION TO eQEPx
AND FILTERED CONNECTION TO eQEPx
eQEPA
PINMMR8[0] = 1
PINMMR8[0] = 0 and PINMMR8[1] = 1
eQEPB
PINMMR8[8] = 1
PINMMR8[8] = 0 and PINMMR8[9] = 1
eQEPI
PINMMR8[16] = 1
PINMMR8[16] = 0 and PINMMR8[17] = 1
eQEPS
PINMMR8[24] = 1
PINMMR8[24] = 0 and PINMMR8[25] = 1
94
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com