Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 47Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 48Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 49Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 50Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 51Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 52Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 53Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 54Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
6.9.2
Main Features of Flash Module
•
Support for multiple flash banks for program and/or data storage
•
Simultaneous read access on a bank while performing program or erase operation on any other bank
•
Integrated state machines to automate flash erase and program operations
•
Software interface for flash program and erase operations
•
Pipelined mode operation to improve instruction access interface bandwidth
•
Support for Single Error Correction Double Error Detection (SECDED) block inside Cortex-R4 CPU
–
Error address is captured for host system debugging
•
Support for a rich set of diagnostic features
6.9.3
ECC Protection for Flash Accesses
All accesses to the program flash memory are protected by Single Error Correction Double Error Detection
(SECDED) logic embedded inside the CPU. The flash module provides 8 bits of ECC code for 64 bits of
instructions or data fetched from the flash memory. The CPU calculates the expected ECC code based on
the 64 bits received and compares it with the ECC code returned by the flash module. A single-bit error is
corrected and flagged by the CPU, while a multibit error is only flagged. The CPU signals an ECC error
through its Event bus. This signaling mechanism is not enabled by default and must be enabled by setting
the "X" bit of the Performance Monitor Control Register, c9.
MRC p15,#0,r1,c9,c12,#0
;Enabling Event monitor states
ORR r1, r1, #0x00000010
MCR p15,#0,r1,c9,c12,#0
;Set 4th bit (‘X’) of PMNC register
MRC p15,#0,r1,c9,c12,#0
The application must also explicitly enable the CPU's ECC checking for accesses on the CPU's ATCM
and BTCM interfaces. These are connected to the program flash and data RAM respectively. ECC
checking for these interfaces can be done by setting the B1TCMPCEN, B0TCMPCEN and ATCMPCEN
bits of the System Control coprocessor's Auxiliary Control Register, c1.
MRC p15, #0, r1, c1, c0, #1
ORR r1, r1, #0x0e000000
;Enable ECC checking for ATCM and BTCMs
DMB
MCR p15, #0, r1, c1, c0, #1
6.9.4
Flash Access Speeds
For information on flash memory access speeds and the relevant wait states required, see Section 5.6.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
51
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com