Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 67Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 68Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 69Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 70Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 71Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 72Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 73Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 74Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
•
External event pin (ADEVT) programmable as general-purpose I/O
7.2.2
Event Trigger Options
The ADC module supports three conversion groups: Event Group, Group1, and Group2. Each of these
three groups can be configured to be hardware event-triggered. In that case, the application can select
from among eight event sources to be the trigger for the conversions of a group.
7.2.2.1
MIBADC Event Trigger Hookup
Table 7-3. MIBADC Event Trigger Hookup
SOURCE SELECT BITS
EVENT NUMBER
For G1, G2, or EVENT
TRIGGER
(G1SRC[2:0], G2SRC[2:0], or EVSRC[2:0])
1
000
ADEVT
2
001
N2HET[8]
3
010
N2HET[10]
4
011
RTI compare 0 interrupt
5
100
N2HET[12]
6
101
N2HET[14]
7
110
N2HET[17]
8
111
N2HET[19]
NOTE
For ADEVT, N2HET trigger sources, the connection to the MibADC module trigger input is
made from the output side of the input buffer. This way, a trigger condition can be generated
either by configuring the function as output onto the pad, or by driving the function from an
external trigger source as input. If the mux controller module is used to select different
functionality instead of ADEVT or N2HET[x], care must be taken to disable these signals
from triggering conversions; there is no multiplexing on input connections.
NOTE
For the RTI compare 0 interrupt source, the connection is made directly from the output of
the RTI module. That is, the interrupt condition can be used as a trigger source even if the
actual interrupt is not signaled to the CPU.
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com