Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 20Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 21Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 22Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 23Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 24Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 25Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 26Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
5.10 Output Buffer Drive Strengths
Table 5-3. Output Buffer Drive Strengths
LOW-LEVEL OUTPUT CURRENT,
IOL for VI=VOLmax
or
SIGNALS
HIGH-LEVEL OUTPUT CURRENT,
IOH for VI=VOHmin
EQEPI, EQEPS,
8 mA
TMS, TDI, TDO, RTCK,
nERROR
TEST,
4 mA
MIBSPI1SIMO, MIBSPI1SOMI, MIBSPI1CLK, SPI3CLK, SPI3SIMO, SPI3SOMI,
nRST
AD1EVT,
CAN1RX, CAN1TX, CAN2RX, CAN2TX,
GIOA[0-7],
LINRX, LINTX,
2 mA zero-dominant
MIBSPI1nCS[0-3], MIBSPI1nENA
N2HET[0], N2HET[2], N2HET[4], N2HET[6], N2HET[8], N2HET[10], N2HET[12], N2HET[14],
N2HET[16], N2HET[18], N2HET[22], N2HET[24],
SPI2nCS[0-3], SPI3nENA, SPI3nCS[0]
ECLK,
selectable 8 mA/ 2 mA
SPI2CLK, SPI2SIMO, SPI2SOMI
The default output buffer drive strength is 8 mA for these signals.
Table 5-4. Selectable 8 mA/ 2 mA Control
SIGNAL
CONTROL BIT
ADDRESS
8 mA
2 mA
ECLK
SYSPC10[0]
0xFFFF FF78
0
1
SPI2CLK
SPI2PC9[9]
0xFFF7 F668
0
1
SPI2SIMO
SPI2PC9[10]
0xFFF7 F668
0
1
SPI2SOMI
SPI2PC9[11](1)
0xFFF7 F668
0
1
(1)
Either SPI2PC9[11] or SPI2PC9[24] can change the output strength of the SPI2SOMI pin. In case of a 32-bit write where these 2 bits
differ, SPI2PC9[11] determines the drive strength.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
23
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com