Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 31Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 32Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 33Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 34Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 35Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 36Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 37Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 38Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
OSCIN
OSCOUT
C1
(see Note A)
C2
Crystal
(a)
OSCIN
OSCOUT
(b)
External
(toggling 0 V to 3.3 V)
Clock Signal
Note A: The values of C1 and C2 should be provided by the resonator/crystal vendor.
Kelvin_GND
Note B: Kelvin_GND should not be connected to any other GND.
(see Note B)
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
6.5
Clocks
6.5.1
Clock Sources
The table below lists the available clock sources on the device. Each of the clock sources can be enabled
or disabled using the CSDISx registers in the system module. The clock source number in the table
corresponds to the control bit in the CSDISx register for that clock source.
The table also shows the default state of each clock source.
Table 6-8. Available Clock Sources
CLOCK
SOURCE
NAME
DESCRIPTION
DEFAULT STATE
NO.
0
OSCIN
Main Oscillator
Enabled
1
PLL1
Output From PLL1
Disabled
2
Reserved
Reserved
Disabled
3
EXTCLKIN1
External Clock Input #1
Disabled
4
CLK80K
Low-Frequency Output of Internal Reference Oscillator
Enabled
5
CLK10M
High-Frequency Output of Internal Reference Oscillator
Enabled
6
Reserved
Reserved
Disabled
7
Reserved
Reserved
Disabled
6.5.1.1
Main Oscillator
The oscillator is enabled by connecting the appropriate fundamental resonator/crystal and load capacitors
across the external OSCIN and OSCOUT pins as shown in Figure 6-4. The oscillator is a single stage
inverter held in bias by an integrated bias resistor. This resistor is disabled during leakage test
measurement and low power modes.
TI strongly encourages each customer to submit samples of the device to the resonator/crystal
vendors for validation. The vendors are equipped to determine what load capacitors will best tune
their resonator/crystal to the microcontroller device for optimum start-up and operation over
temperature/voltage extremes.
An external oscillator source can be used by connecting a 3.3 V clock signal to the OSCIN pin and leaving
the OSCOUT pin unconnected (open) as shown in Figure 6-4.
Figure 6-4. Recommended Crystal/Clock Connection
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
35
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com