Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 10Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 11Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 12Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 13Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 14Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 15Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 16Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 17Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
4.2.10 Error Signaling Module (ESM)
Table 4-10. Error Signaling Module (ESM)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
nERROR
82
I/O
Pulldown
20 µA
ESM error signal. Indicates error of high severity.
4.2.11 Main Oscillator
Table 4-11. Main Oscillator
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
OSCIN
14
Input
N/A
None
From external crystal/resonator, or external clock
input
OSCOUT
16
Output
N/A
None
To external crystal/resonator
KELVIN_GND
15
Input
N/A
None
Dedicated ground for oscillator
4.2.12 Test/Debug Interface
Table 4-12. Test/Debug Interface
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
nTRST
76
Input
Pulldown
Fixed, 100 µA
JTAG test hardware reset
RTCK
80
Output
N/A
None
JTAG return test clock
TCK
79
Input
Pulldown
Fixed, 100 µA
JTAG test clock
TDI
77
I/O
Pullup
Fixed, 100 µA
JTAG test data in
TDO
78
Output
Fixed,
None
JTAG test data out
100-µA
Pulldown
TMS
75
I/O
Pullup
Fixed, 100 µA
JTAG test select
TEST
24
I/O
Pulldown
Fixed, 100 µA
Test enable. This terminal must be connected to
ground directly or through a pulldown resistor.
4.2.13 Flash
Table 4-13. Flash
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
FLTP1
3
Input
N/A
None
Flash test pins. For proper operation this terminal
must connect only to a test pad or not be
FLTP2
4
Input
N/A
None
connected at all [no connect (NC)].
The test pad must not be exposed in the final
product where it might be subjected to an ESD
event.
VCCP
96
3.3-V
N/A
None
Flash external pump voltage (3.3 V). This
Power
terminal is required for both flash read and flash
program and erase operations.
14
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com