Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 2Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 3Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 4Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 5Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 9Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.9
Flash Memory
....................................... 50
6.10
Flash Program and Erase Timings for Program
1.1
Features
.............................................. 1
Flash
................................................ 52
1.2
Applications
........................................... 2
6.11
Flash Program and Erase Timings for Data Flash
.. 52
1.3
Description
............................................ 3
6.12
Tightly Coupled RAM Interface Module
............. 53
1.4
Functional Block Diagram
............................ 5
6.13
Parity Protection for Accesses to peripheral RAMs
. 53
2
Revision History
......................................... 7
6.14
On-Chip SRAM Initialization and Testing
........... 54
3
Device Comparison
..................................... 8
6.15
Vectored Interrupt Manager
......................... 56
4
Terminal Configuration and Functions
............. 9
6.16
Real-Time Interrupt Module
......................... 58
4.1
PZ QFP Package Pinout (100-Pin)
................... 9
6.17
Error Signaling Module
.............................. 59
4.2
Terminal Functions
................................. 10
6.18
Reset / Abort / Error Sources
....................... 63
4.3
Output Multiplexing and Control
..................... 16
6.19
Digital Windowed Watchdog
........................ 64
4.4
Special Multiplexed Options
......................... 17
6.20
Debug Subsystem
................................... 65
5
Specifications
.......................................... 18
7
Peripheral Information and Electrical
5.1
Absolute Maximum Ratings
......................... 18
Specifications
........................................... 70
5.2
ESD Ratings
........................................ 18
7.1
Peripheral Legend
................................... 70
5.3
Power-On Hours (POH)
............................. 18
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.... 70
5.4
Recommended Operating Conditions
............... 19
7.3
General-Purpose Input/Output
...................... 78
5.5
Switching Characteristics Over Recommended
7.4
Enhanced High-End Timer (N2HET)
................ 79
Operating Conditions for Clock Domains
........... 19
7.5
Controller Area Network (DCAN)
.................... 82
5.6
Wait States Required
............................... 20
7.6
Local Interconnect Network Interface (LIN)
......... 83
5.7
Power Consumption
................................ 21
7.7
Multibuffered / Standard Serial Peripheral Interface
84
5.8
Thermal Resistance Characteristics for PZ
......... 22
7.8
Enhanced Quadrature Encoder (eQEP)
............ 94
5.9
Input/Output Electrical Characteristics
.............. 22
8
Device and Documentation Support
............... 96
5.10
Output Buffer Drive Strengths
...................... 23
8.1
Device Support
...................................... 96
5.11
Input Timings
........................................ 24
8.2
Documentation Support
............................. 99
5.12
Output Timings
...................................... 25
8.3
Related Links
........................................ 99
6
System Information and Electrical
Specifications
........................................... 27
8.4
Community Resources
.............................. 99
6.1
Voltage Monitor Characteristics
..................... 27
8.5
Trademarks
.......................................... 99
6.2
Power Sequencing and Power-On Reset
........... 28
8.6
Electrostatic Discharge Caution
..................... 99
6.3
Warm Reset (nRST)
................................. 30
8.7
Glossary
............................................. 99
6.4
ARM Cortex-R4 CPU Information
................... 31
8.8
Device Identification Code Register
............... 100
6.5
Clocks
............................................... 35
8.9
Die Identification Registers
....................... 100
6.6
Clock Monitoring
.................................... 41
8.10
Module Certifications
............................... 101
6.7
Glitch Filters
......................................... 43
9
Mechanical Packaging and Orderable
Addendum
.............................................. 106
6.8
Device Memory Map
................................ 44
9.1
Packaging Information
............................. 106
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com