Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 16Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 17Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 18Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 20Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 21Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 22Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 23Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
ASWSTEN
Flash Address Wait States
EEPROM Emulation Memory Wait States (Bank 7)
0MHz
0
80MHz
EWAIT
Main Memory Data Wait States (Bank 0)
RWAIT
0MHz
80MHz
0
1
45MHz
0MHz
2
80MHz
1
3
67MHz
50MHz
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
5.6
Wait States Required
The TCM RAM can support program and data fetches at full CPU speed without any address or data wait states
required. There are no registers which need to be programmed for RAM wait states.
The TCM flash can support zero address and data wait states up to a CPU speed of 45 MHz in nonpipelined
mode.The flash supports a maximum CPU clock speed of 80 MHz in pipelined mode with no address wait states
and one data wait state.
The proper wait states should be set in the register fields Address Setup Wait State Enable (ASWSTEN
0xFFF87000[4]), Random Wait states (RWAIT 0xFFF87000[11:8]), and Emulation Wait states (EWAIT
0xFFF872B8[19:16]) as shown in Figure 5-1.
Figure 5-1. Wait States Scheme
The flash wrapper defaults to nonpipelined mode with address wait states disabled, ASWSTEN=0; the main
memory random-read data wait state, RWAIT=1; and the emulation memory random-read wait states, EWAIT=1.
20
Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com