Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 53Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 54Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 55Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 56Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 57Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 58Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 59Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 60Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
Table 6-24. Interrupt Request Assignments (continued)
DEFAULT VIM
MODULES
INTERRUPT SOURCES
INTERRUPT
CHANNEL
MIBSPI1
MIBSPI1 level 1 interrupt
26
LIN
LIN level 1 interrupt
27
MIBADC
MIBADC sw group 2 interrupt
28
DCAN1
DCAN1 level 1 interrupt
29
SPI2
SPI2 level 1 interrupt
30
MIBADC
MIBADC magnitude compare interrupt
31
Reserved
Reserved
32-34
DCAN2
DCAN2 level 0 interrupt
35
Reserved
Reserved
36
SPI3
SPI3 level 0 interrupt
37
SPI3
SPI3 level 1 interrupt
38
Reserved
Reserved
39-41
DCAN2
DCAN2 level 1 interrupt
42
Reserved
Reserved
43-60
FMC
FSM_DONE interrupt
61
Reserved
Reserved
62-79
HWAG
HWA_INT_REQ_H
80
Reserved
Reserved
81
DCC
DCC done interrupt
82
Reserved
Reserved
83
eQEPINTn
eQEP Interrupt
84
PBIST
PBIST Done Interrupt
85
Reserved
Reserved
86-87
HWAG
HWA_INT_REQ_L
88
Reserved
Reserved
89-95
NOTE
Address location 0x00000000 in the VIM RAM is reserved for the phantom interrupt ISR
entry; therefore only request channels 0..94 can be used and are offset by 1 address in the
VIM RAM.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
57
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com