Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 39Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 40Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 41Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 42Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 43Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 44Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 45Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 46Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
6.7
Glitch Filters
A glitch filter is present on the following signals.
Table 6-16. Glitch Filter Timing Specifications
PIN
PARAMETER
MIN
MAX
UNIT
ns
Filter time nPORRST pin;
nPORRST
tf(nPORRST)
475
2000
pulses less than MIN will be filtered out, pulses greater than
MAX will generate a reset(1)
ns
Filter time nRST pin;
nRST
tf(nRST)
475
2000
pulses less than MIN will be filtered out, pulses greater than
MAX will generate a reset
ns
Filter time TEST pin;
TEST
tf(TEST)
475
2000
pulses less than MIN will be filtered out, pulses greater than
MAX will pass through
(1)
The glitch filter design on the nPORRST signal is designed such that no size pulse will reset any part of the microcontroller (flash pump,
I/O pins, and so forth) without also generating a valid reset signal to the CPU.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
43
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com