Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 66Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 67Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 68Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 69Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 70Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 71Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 72Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 73Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
7
Peripheral Information and Electrical Specifications
7.1
Peripheral Legend
Table 7-1. Peripheral Legend
ABBREVIATION
FULL NAME
MibADC
Multibuffered Analog-to-Digital Converter
CCM-R4
CPU Compare Module – Cortex-R4
CRC
Cyclic Redundancy Check
DCAN
Controller Area Network
DCC
Dual Clock Comparator
ESM
Error Signaling Module
GIO
General-Purpose Input/Output
HTU
High-End Timer Transfer Unit
LIN
Local Interconnect Network
MibSPI
Multibuffered Serial Peripheral Interface
N2HET
Platform High-End Timer
RTI
Real-Time Interrupt Module
SCI
Serial Communications Interface
SPI
Serial Peripheral Interface
VIM
Vectored Interrupt Manager
eQEP
Enhanced Quadrature Encoder Pulse
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
The multibuffered A-to-D converter (MibADC) has a separate power bus for its analog circuitry that
enhances the A-to-D performance by preventing digital switching noise on the logic circuitry which could
be present on VSS and VCC from coupling into the A-to-D analog stage. All A-to-D specifications are given
with respect to ADREFLO unless otherwise noted.
Table 7-2. MibADC Overview
DESCRIPTION
VALUE
Resolution
12 bits
Monotonic
Assured
Output conversion code
00h to FFFh [00 for VAI ≤ ADREFLO; FFF for VAI ≥ ADREFHI]
7.2.1
Features
•
12-bit resolution
•
ADREFHI and ADREFLO pins (high and low reference voltages)
•
Total Sample/Hold/Convert time: 600 ns Typical Minimum at 30 MHz ADCLK
•
One memory region per conversion group is available (event, group 1, group 2)
•
Allocation of channels to conversion groups is completely programmable
•
Memory regions are serviced by interrupt
•
Programmable interrupt threshold counter is available for each group
•
Programmable magnitude threshold interrupt for each group for any one channel
•
Option to read either 8-, or 10-, or 12-bit values from memory regions
•
Single or continuous conversion modes
•
Embedded self-test
•
Embedded calibration logic
•
Enhanced power-down mode
–
Optional feature to automatically power down ADC core when no conversion is in progress
70
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com