Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 80Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 81Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 82Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 83Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 84Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 85Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 86Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 87Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
7.7
Multibuffered / Standard Serial Peripheral Interface
The MibSPI is a high-speed synchronous serial input/output port that allows a serial bit stream of
programmed length (2 to 16 bits) to be shifted in and out of the device at a programmed bit-transfer rate.
Typical applications for the SPI include interfacing to external peripherals, such as I/Os, memories, display
drivers, and ADCs.
7.7.1
Features
Both Standard and MibSPI modules have the following features:
•
16-bit shift register
•
Receive buffer register
•
11-bit baud clock generator
•
SPICLK can be internally generated (master mode) or received from an external clock source (slave
mode)
•
Each word transferred can have a unique format
•
SPI I/Os not used in the communication can be used as digital input/output signals
Table 7-11. MibSPI/SPI Default Configurations
MibSPIx/SPIx
I/Os
MibSPI1
MIBSPI1SIMO[0], MIBSPI1SOMI[0], MIBSPI1CLK, MIBSPI1nCS[3:0], MIBSPI1nENA
SPI2
SPI2SIMO, SPI2SOMI, SPI2CLK, SPI2nCS[0]
SPI3
SPI3SIMO, SPI3SOMI, SPI3CLK, SPI3nENA, SPI3nCS[0]
7.7.2
MibSPI Transmit and Receive RAM Organization
The Multibuffer RAM is comprised of 128 buffers. Each entry in the Multibuffer RAM consists of four parts:
a 16-bit transmit field, a 16-bit receive field, a 16-bit control field, and a 16-bit status field. The Multibuffer
RAM can be partitioned into multiple transfer group with variable number of buffers each.
7.7.3
MibSPI Transmit Trigger Events
Each of the transfer groups can be configured individually. For each of the transfer groups a trigger event
and a trigger source can be chosen. A trigger event can be, for example, a rising edge or a permanent low
level at a selectable trigger source. Up to 15 trigger sources are available which can be used by each
transfer group. These trigger options are listed in Table 7-12.
84
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com