Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 33Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 34Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 35Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 36Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 37Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 38Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 39Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 40Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
/NR
/1 to /64
OSCIN
PLL
INTCLK
/OD
/1 to /8
VCOCLK
/R
/1 to /32
post_ODCLK
/NF
/1 to /256
PLLCLK
fPLLCLK = (fOSCIN / NR) * NF / (OD * R)
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
Figure 6-5 shows a block diagram of the internal reference oscillator. This is an LPO and provides two
clock sources: one nominally 80 kHz and one nominally 10 MHz.
6.5.1.2.2 LPO Electrical and Timing Specifications
Table 6-10. LPO Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Oscillator fail frequency - lower threshold, using
1.375
2.4
4.875
untrimmed LPO output
Clock Detection
MHz
Oscillator fail frequency - higher threshold, using
22
38.4
78
untrimmed LPO output
Untrimmed frequency
5.5
9
19.5
MHz
Trimmed frequency
8
9.6
11
MHz
LPO - HF oscillator
Start-up time from STANDBY (LPO BIAS_EN High for
(fHFLPO)
10
µs
at least 900 µs)
Cold start-up time
900
µs
Untrimmed frequency
36
85
180
kHz
LPO - LF oscillator
Start-up time from STANDBY (LPO BIAS_EN High for
100
µs
(fLFLPO)
at least 900 µs)
Cold start-up time
2000
µs
6.5.1.3
Phase Locked Loop (PLL) Clock Modules
The PLL is used to multiply the input frequency to some higher frequency.
The main features of the PLL are:
•
Frequency modulation can be optionally superimposed on the synthesized frequency of PLL.
•
Configurable frequency multipliers and dividers.
•
Built-in PLL Slip monitoring circuit.
•
Option to reset the device on a PLL slip detection.
6.5.1.3.1 Block Diagram
Figure 6-6 shows a high-level block diagram of the PLL macro on this microcontroller.
Figure 6-6. PLL Block Diagram
6.5.1.3.2 PLL Timing Specifications
Table 6-11. PLL Timing Specifications
PARAMETER
MIN
MAX
UNIT
fINTCLK
PLL1 Reference Clock frequency
1
20
MHz
fpost_ODCLK
Post-ODCLK – PLL1 Post-divider input clock frequency
400
MHz
fVCOCLK
VCOCLK – PLL1 Output Divider (OD) input clock frequency
150
550
MHz
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
37
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com