Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 24Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 25Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 26Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 27Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 28Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 29Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 30Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 31Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
6.2
Power Sequencing and Power-On Reset
6.2.1
Power-Up Sequence
There is no timing dependency between the ramp of the VCCIO and the VCC supply voltage. The power-
up sequence starts with the I/O voltage rising above the minimum I/O supply threshold, (for more details,
see Table 6-4), core voltage rising above the minimum core supply threshold, and the release of power-on
reset. The high-frequency oscillator will start up first and its amplitude will grow to an acceptable level. The
oscillator start-up time is dependent on the type of oscillator and is provided by the oscillator vendor. The
different supplies to the device can be powered up in any order.
During power up, the device goes through the sequential phases listed in Table 6-3.
Table 6-3. Power-Up Phases
Oscillator start-up and validity check
1032 oscillator cycles
eFuse autoload
1160 oscillator cycles
Flash pump power up
688 oscillator cycles
Flash bank power up
617 oscillator cycles
Total
3497 oscillator cycles
The CPU reset is released at the end of this sequence and fetches the first instruction from address
0x00000000.
28
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com