Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 80 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 76Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 77Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 78Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 79Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 80Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 81Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 82Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 83Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
Table 7-8. Dynamic Characteristics for the N2HET Input Capture Functionality
PARAMETER
MIN(1) (2)
MAX(1) (2)
UNIT
Input signal period, PCNT or WCAP for rising edge
1
(hr)(lr) tc(VCLK2) + 2
225(hr)(lr)tc(VCLK2) - 2
ns
to rising edge
Input signal period, PCNT or WCAP for falling edge
2
(hr) (lr) tc(VCLK2) + 2
225 (hr)(lr) tc(VCLK2) - 2
ns
to falling edge
Input signal high phase, PCNT or WCAP for rising
3
2(hr) tc(VCLK2) + 2
225 (hr)(lr) tc(VCLK2) - 2
ns
edge to falling edge
Input signal low phase, PCNT or WCAP for falling
4
2(hr) tc(VCLK2) + 2
225 (hr)(lr) tc(VCLK2) - 2
ns
edge to rising edge
(1)
hr = High-resolution prescaler, configured using the HRPFC field of the Prescale Factor Register (HETPFR).
(2)
lr = Loop-resolution prescaler, configured using the LFPRC field of the Prescale Factor Register (HETPFR).
7.4.4
N2HET Checking
7.4.4.1
Output Monitoring using Dual Clock Comparator (DCC)
N2HET[31] is connected as a clock source for counter 1 in DCC1. This allows the application to measure
the frequency of the pulse-width modulated (PWM) signal on N2HET[31].
N2HET[31] can be configured to be an internal-only channel. That is, the connection to the DCC module is
made directly from the output of the N2HET module (from the input of the output buffer).
For more information on DCC, see Section 6.6.3.
7.4.5
Disabling N2HET Outputs
Some applications require the N2HET outputs to be disabled under some fault condition. The N2HET
module provides this capability through the "Pin Disable" input signal. This signal, when driven low,
causes the N2HET outputs identified by a programmable register (HETPINDIS) to be tri-stated.
For more details on the "N2HET Pin Disable" feature, see the device-specific Technical Reference Manual
listed in Section 8.2.1.
GIOA[5] and EQEPERR are connected to the "Pin Disable" input for N2HET. In the case of GIOA[5]
connection, this connection is made from the output of the input buffer. In the case of EQEPERR, the
EQEPERR output signal is asserted in the event of a phase error. This signal is inverted and double-
synchronized to VCLK2 for input into the N2HET PIN_nDISABLE port.
The PIN_nDISABLE port input source is selectable between the GIOA[5] and EQEPERR sources. This is
achieved through the PINMMR9[1:0] bits.
80
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com