Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 72Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 73Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 74Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 75Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 76Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 77Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 78Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 79Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
0 ... 111
0 ... 101
0 ... 100
0 ... 011
0 ... 010
0 ... 001
0 ... 000
0
1
2
3
4
5
Analog Input Value (LSB)
0 ... 110
6
7
At Transition
011/100
(–½ LSB)
At Transition
001/010 (–1/4 LSB)
Actual
Transition
Ideal
Transition
End-Point Lin. Error
NOTE A: 1 LSB = (AD
– AD
)/
REFHI
REFLO
2 where n=10 in 10-bit mode and 12 in 12-bit mode
n
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
The integral nonlinearity error shown in Figure 7-3 (sometimes referred to as linearity error) is the
deviation of the values on the actual transfer function from a straight line.
Figure 7-3. Integral Nonlinearity (INL) Error
76
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com