Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 36Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 37Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 38Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 39Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 40Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 41Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 42Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 43Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
6.5.3
Clock Test Mode
The TMS570 platform architecture defines a special mode that allows various clock signals to be brought
out on to the ECLK pin and N2HET[2] device outputs. This mode is called the Clock Test mode. It is very
useful for debugging purposes and can be configured through the CLKTEST register in the system
module.
Table 6-13. Clock Test Mode Options
CLKTEST[3-0]
SIGNAL ON ECLK
CLKTEST[11-8]
SIGNAL ON N2HET[2]
0000
Oscillator
0000
Oscillator Valid Status
Main PLL free-running clock output
0001
0001
Main PLL Valid status
(PLLCLK)
0010
Reserved
0010
Reserved
0011
Reserved
0011
Reserved
0100
CLK80K
0100
Reserved
0101
CLK10M
0101
CLK10M Valid status
0110
Reserved
0110
Reserved
0111
Reserved
0111
Reserved
1000
GCLK
1000
CLK80K
1001
RTI Base
1001
Oscillator Valid status
1010
Reserved
1010
Oscillator Valid status
1011
VCLKA1
1011
Oscillator Valid status
1100
Reserved
1100
Oscillator Valid status
1101
Reserved
1101
Oscillator Valid status
1110
Reserved
1110
Oscillator Valid status
1111
Flash HD Pump Oscillator
1111
Oscillator Valid status
40
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com