Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 18Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 20Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 21Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 22Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 23Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 24Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 25Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
5.8
Thermal Resistance Characteristics for PZ
Table 5-2 shows the thermal resistance characteristics for the PQFP - PZ mechanical packages.
Table 5-2. Thermal Resistance Characteristics
(S-PQFP Package) [PZ]
PARAMETER
°C/W
RθJA
48
RθJC
5
5.9
Input/Output Electrical Characteristics
(1)
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Vhys
Input hysteresis
All inputs
180
mV
VIL
Low-level input voltage
All inputs(2)
–0.3
0.8
V
VIH
High-level input voltage
All inputs(2)
2
VCCIO + 0.3
V
IOL = IOLmax
0.2 VCCIO
IOL = 50 µA,
VOL
Low-level output voltage
V
standard output
0.2
mode
IOH = IOHmax
0.8 VCCIO
IOH = 50 µA,
VOH
High-level output voltage
V
standard output
VCCIO - 0.3
mode
VI < VSSIO - 0.3 or VI
IIC
Input clamp current (I/O pins)
–3.5
3.5
mA
> VCCIO + 0.3
IIH 20-µA pulldown
VI = VCCIO
5
40
IIH 100-µA pulldown
VI = VCCIO
40
195
IIL 20-µA pullup
VI = VSS
–40
–5
II
Input current (I/O pins)
µA
IIL 100-µA pullup
VI = VSS
–195
–40
No pullup or
All other pins
–1
1
pulldown
CI
Input capacitance
2
pF
CO
Output capacitance
3
pF
(1)
Source currents (out of the device) are negative while sink currents (into the device) are positive.
(2)
This does not apply to the nPORRST pin.
22
Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com