Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 42Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 43Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 44Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 45Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 46Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 47Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 48Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 49Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
6.8.2
Memory Map Table
See Figure 1-1 for a block diagram showing the device interconnects.
Table 6-17. Device Memory Map
ADDRESS RANGE
RESPONSE FOR ACCESS TO
FRAME CHIP
FRAME
ACTUAL
MODULE NAME
UNIMPLEMENTED LOCATIONS IN
SELECT
SIZE
SIZE
START
END
FRAME
Memories tightly coupled to the ARM Cortex-R4 CPU
TCM Flash
CS0
0x0000_0000
0x00FF_FFFF
16MB
384KB(1)
TCM RAM + RAM
CSRAM0
0x0800_0000
0x0BFF_3FFF
64MB
32KB
ECC
Abort
Flash mirror
Mirrored Flash
0x2000_0000
0x20FF_FFFF
16MB
384KB(1)
frame
Flash Module Bus2 Interface
Customer OTP,
0xF000_0000
0xF000_07FF
2KB
TCM Flash Banks
64KB
Customer OTP,
0xF000_E000
0xF000_E3FF
1KB
EEPROM Bank
Customer
OTP–ECC, TCM
0xF004_0000
0xF004_00FF
256B
Flash Banks
8KB
Customer
OTP–ECC,
0xF004_1C00
0xF004_1C7F
128B
EEPROM Bank
TI OTP, TCM
0xF008_0000
0xF008_07FF
2KB
Flash Banks
Abort
64KB
TI OTP, EEPROM
0xF008_E000
0xF008_E3FF
1KB
Bank
TI OTP–ECC,
0xF00C_0000
0xF00C_00FF
256B
TCM Flash Banks
8KB
TI OTP–ECC,
0xF00C_1C00
0xF00C_1C7F
128B
EEPROM Bank
EEPROM
0xF010_0000
0xF010_07FF
256KB
2KB
Bank–ECC
EEPROM Bank
0xF020_0000
0xF020_3FFF
2MB
16KB
Flash Data Space
0xF040_0000
0xF040_DFFF
1MB
48KB
ECC
Cyclic Redundancy Checker (CRC) Module Registers
CRC
CRC frame
0xFE00_0000
0xFEFF_FFFF
16MB
512B
Accesses above 0x200 generate abort.
Peripheral Memories
MIBSPI1 RAM
PCS[7]
0xFF0E_0000
0xFF0F_FFFF
128KB
2KB
Abort for accesses above 2KB
Wrap around for accesses to
unimplemented address offsets lower
DCAN2 RAM
PCS[14]
0xFF1C_0000
0xFF1D_FFFF
128KB
2KB
than 0x7FF. Abort generated for
accesses beyond offset 0x800.
Wrap around for accesses to
unimplemented address offsets lower
DCAN1 RAM
PCS[15]
0xFF1E_0000
0xFF1F_FFFF
128KB
2KB
than 0x7FF. Abort generated for
accesses beyond offset 0x800.
Wrap around for accesses to
MIBADC RAM
8KB
unimplemented address offsets lower
than 0x1FFF.
Look-up table for ADC wrapper. Starts
PCS[31]
0xFF3E_0000
0xFF3F_FFFF
128KB
at offset 0x2000 ans ends at 0x217F.
MIBADC Look-Up
384 bytes
Wrap around for accesses between
Table
offsets 0x180 and 0x3FFF. Aborts
generated for accesses beyond 0x4000
(1)
The TMS570LS0332 device has only 256KB of flash.
46
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com