Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0332PZ Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 52Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 53Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 54Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 55Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 56Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 57Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 58Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 59Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
6.15 Vectored Interrupt Manager
The vectored interrupt manager (VIM) provides hardware assistance for prioritizing and controlling the
many interrupt sources present on this device. Interrupts are caused by events outside of the normal flow
of program execution. Normally, these events require a timely response from the central processing unit
(CPU); therefore, when an interrupt occurs, the CPU switches execution from the normal program flow to
an interrupt service routine (ISR).
6.15.1 VIM Features
The VIM module has the following features:
•
Supports 96 interrupt channels.
–
Provides programmable priority and enable for interrupt request lines.
•
Provides a direct hardware dispatch mechanism for fastest IRQ dispatch.
•
Provides two software dispatch mechanisms when the CPU VIC port is not used.
–
Index interrupt
–
Register vectored interrupt
•
Parity protected vector interrupt table against soft errors.
6.15.2 Interrupt Request Assignments
Table 6-24. Interrupt Request Assignments
DEFAULT VIM
MODULES
INTERRUPT SOURCES
INTERRUPT
CHANNEL
ESM
ESM High level interrupt (NMI)
0
Reserved
Reserved
1
RTI
RTI compare interrupt 0
2
RTI
RTI compare interrupt 1
3
RTI
RTI compare interrupt 2
4
RTI
RTI compare interrupt 3
5
RTI
RTI overflow interrupt 0
6
RTI
RTI overflow interrupt 1
7
Reserved
Reserved
8
GIO
GIO interrupt A
9
N2HET
N2HET level 0 interrupt
10
HTU
HTU level 0 interrupt
11
MIBSPI1
MIBSPI1 level 0 interrupt
12
LIN
LIN level 0 interrupt
13
MIBADC
MIBADC event group interrupt
14
MIBADC
MIBADC sw group 1 interrupt
15
DCAN1
DCAN1 level 0 interrupt
16
SPI2
SPI2 level 0 interrupt
17
Reserved
Reserved
18
Reserved
Reserved
19
ESM
ESM Low level interrupt
20
SYSTEM
Software interrupt (SSI)
21
CPU
PMU interrupt
22
GIO
GIO interrupt B
23
N2HET
N2HET level 1 interrupt
24
HTU
HTU level 1 interrupt
25
56
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com