Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 30Page - Texas Instruments TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 189 page
background image
www.ti.com
3.1
Memory
3.1.1
On-Chip ROM
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
The 5502 supports a unified memory map (program and data accesses are made to the same physical
space). The total on-chip memory is 48K words (32K 16-bit words of RAM and 16K 16-bit words of ROM).
TMS320VC5502 incorporates 16K x16-bit of on-chip, one-wait-state maskable ROM that can be mapped
into program memory space. The on-chip ROM is located at the byte address range FF8000h–FFFFFFh
when MPNMC = 0 at reset. When MPNMC = 1 at reset, the on-chip ROM is disabled and not present in
the memory map, and byte address range FF8000h–FFFFFFh is directed to external memory space.
MPNMC is a bit located in the ST3 status register, and its status is determined by the logic level on the
BOOTM[2:0] pins when sampled at reset. If BOOTM[2:0] are set to 00h or 04h at reset, the MPNMC bit is
set to 1 and the on-chip ROM is disabled; otherwise, the MPNMC bit is cleared to 0 and the on-chip ROM
is enabled. These pins are not sampled again until the next hardware reset. The software reset instruction
does not affect the MPNMC bit. Software can be used to set or clear the MPNMC bit.
The ROM can be accessed by the program bus (P) and the two read data buses (C and D). The on-chip
ROM is a two-cycle-per-word memory access, except for the first word access, which requires four cycles.
The standard on-chip ROM contains a bootloader which provides a variety of methods to load application
code automatically after power up or a hardware reset. For more information, see Section 3.1.5, Boot
Configuration. A vector table associated with the bootloader is also contained in the ROM. A boot mode
branch table is included in the ROM which contains hard-coded jumps to the beginning of each boot mode
code section in the bootloader.
A sine look-up table is provided containing 256 values (crossing 360 degrees) expressed in Q15 format.
The standard on-chip ROM layout is shown in Table 3-1.
Table 3-1. On-Chip ROM Layout
STARTING BYTE ADDRESS
CONTENTS
FF_8000h
Bootloader Program
FF_ECAEh
Bootloader Revision Number
FF_ECB0h
Boot Mode Branch Table
FF_ED00h
Sine Table
FF_EF00h
Reserved
FF_FF00h
Interrupt Vector Table
34
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com