Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments TMS320VC5502 Datasheet HTML 81Page - Texas Instruments TMS320VC5502 Datasheet HTML 82Page - Texas Instruments TMS320VC5502 Datasheet HTML 83Page - Texas Instruments TMS320VC5502 Datasheet HTML 84Page - Texas Instruments TMS320VC5502 Datasheet HTML 85Page - Texas Instruments TMS320VC5502 Datasheet HTML 86Page - Texas Instruments TMS320VC5502 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-30. Peripheral IDLE Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-14
R
00
Reserved
MISC
13(1)
R/W
0
MISC bit
•
MISC = 0:
Miscellaneous modules remain active when ISTR.PERIS = 1
and IDLE instruction is executed.
•
MISC = 1:
MIscellaneous module is disabled when ISTR.PERIS = 1 and
IDLE instruction is executed.
Miscellaneous modules include the XBSR, TIMEOUT Error Register,
XBCR, Timer Signal Selection Register, CLKOUT Select Register,
and Clock Mode Control Register.
EMIF
12(1)
R/W
0
EMIF bit
•
EMIF = 0:
EMIF module remains active when ISTR.PERIS = 1 and IDLE
instruction is executed.
•
EMIF = 1:
EMIF module is disabled when ISTR.PERIS = 1 and IDLE
instruction is executed.
BIOST
11(1)
R/W
0
BIOS timer bit
•
BIOST = 0:
DSP/BIOS timer remains active when ISTR.PERIS = 1 and the
IDLE instruction is executed.
•
BIOST = 1:
DSP/BIOS timer is disabled when ISTR.PERIS = 1 and the IDLE
instruction is executed.
WDT
10(1)
R/W
0
Watchdog timer bit
•
WDT = 0:
WDT remains active when ISTR.PERIS = 1 and the IDLE
instruction is executed.
•
WDT = 1:
WDT is disabled when ISTR.PERIS = 1 and the IDLE instruction
is executed.
PIO
9(1)
R/W
0
Parallel GPIO bit
•
PIO = 0:
Parallel GPIO remains active when ISTR.PERIS = 1 (ISTR.[3])
and the IDLE instruction is executed.
•
PIO = 1:
Parallel GPIO is disabled when ISTR.PERIS = 1 and the IDLE
instruction is executed.
URT
8(1)
R/W
0
UART bit
•
URT = 0:
UART remains active when ISTR.PERIS = 1 and the IDLE
instruction is executed.
•
URT = 1:
UART is disabled when ISTR.PERIS = 1 and the IDLE instruc-
tion is executed.
I2C
7(1)
R/W
0
I2C bit
•
I2C = 0:
I2C remains active when ISTR.PERIS = 1 and the IDLE
instruction is executed.
•
I2C = 1:
I2C is disabled when ISTR.PERIS = 1 and the IDLE instruction is
executed.
(1)
If the peripheral is already in IDLE, setting PERIS (bit 3 of ISTR) to 0 and executing the IDLE instruction will wake up all peripherals, and
PICR bit settings will be ignored. If PERIS = 1, executing the IDLE instruction will wake up the peripheral if the PICR bit is 0.
Functional Overview
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com