Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 11Page - Texas Instruments TMS320VC5502 Datasheet HTML 12Page - Texas Instruments TMS320VC5502 Datasheet HTML 13Page - Texas Instruments TMS320VC5502 Datasheet HTML 14Page - Texas Instruments TMS320VC5502 Datasheet HTML 15Page - Texas Instruments TMS320VC5502 Datasheet HTML 16Page - Texas Instruments TMS320VC5502 Datasheet HTML 17Page - Texas Instruments TMS320VC5502 Datasheet HTML 18Page - Texas Instruments TMS320VC5502 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 189 page
background image
www.ti.com
1
TMS320VC5502
1.1 Features
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
• Programmable Low-Power Control of Six
• High-Performance, Low-Power, Fixed-Point
Device Functional Domains
TMS320C55x™ Digital Signal Processor (DSP)
–
3.33-/5-ns Instruction Cycle Time
• On-Chip Peripherals
–
300-/200-MHz Clock Rate
–
Six-Channel Direct Memory Access (DMA)
Controller
–
16K-Byte Instruction Cache (I-Cache)
–
Three Multichannel Buffered Serial Ports
–
One/Two Instructions Executed per Cycle
(McBSPs)
–
Dual Multipliers [Up to 600 Million
–
Programmable Analog Phase-Locked Loop
Multiply-Accumulates Per Second
(APLL) Clock Generator
(MMACS)]
–
General-Purpose I/O (GPIO) Pins and a
–
Two Arithmetic/Logic Units (ALUs)
Dedicated Output Pin (XF)
–
One Program Bus, Three Internal
–
8-Bit/16-Bit Parallel Host-Port Interface
Data/Operand Read Buses, and Two
(HPI)
Internal Data/Operand Write Buses
–
Four Timers
• Instruction Cache (16K Bytes)
• Two 64-Bit General-Purpose Timers
• 32K x 16-Bit On-Chip RAM That is Composed
• 64-Bit Programmable Watchdog Timer
of Eight Blocks of 4K
× 16-Bit Dual-Access
• 64-Bit DSP/BIOS™ Counter
RAM (DARAM) (64K Bytes)
–
Inter-Integrated Circuit (I
2C) Interface
• 16K × 16-Bit One-Wait-State On-Chip ROM
–
Universal Asynchronous Receiver/
(32K Bytes)
Transmitter (UART)
• 8M × 16-Bit Maximum Addressable External
• On-Chip Scan-Based Emulation Logic
Memory Space
• IEEE Std 1149.1(1) (JTAG) Boundary Scan
• 32-Bit External Parallel Bus Memory Support-
Logic
ing External Memory Interface (EMIF) With
• Packages:
General-Purpose Input/Output (GPIO) Capabili-
–
176-Terminal LQFP (Low-Profile Quad
ties and Glueless Interface to:
Flatpack) (PGF Suffix)
–
Asynchronous Static RAM (SRAM)
–
201-Terminal MicroStar BGA™ (Ball Grid
–
Asynchronous EPROM
Array) (GZZ and ZZZ Suffixes)
–
Synchronous DRAM (SDRAM)
• 3.3-V I/O Supply Voltage
–
Synchronous Burst RAM (SBRAM)
• 1.26-V Core Supply Voltage
• Emulation/Debug Trace Capability Saves Last
16 Program Counter (PC) Discontinuities and
Last 32 PC Values
(1)
IEEE Standard 1149.1 - 1990 Standard Test Access Port and
Boundary Scan Architecture
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
TMS320C55x, DSP/BIOS, MicroStar BGA, C55x, eXpressDSP, Code Composer Studio, RTDX, XDS510, TMS320C54x, C54x, TMS320,
TMS320C5000 are trademarks of Texas Instruments.
I2C bus is a trademark of Koninklijke Philips Electronics N.V.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com