Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 189 page
background image
www.ti.com
3.1.2
On-Chip Dual-Access RAM (DARAM)
3.1.3
Instruction Cache
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
TMS320VC5502 features 32K x 16-bit (64K bytes) of on-chip dual-access RAM. This memory enhances
system performance, since the C55x CPU can access a DARAM block twice per machine cycle. The
DARAM is composed of 8 blocks of 4K x 16-bit each (see Table 3-2). Each block in the DARAM can
support two reads in one cycle, a read and a write in one cycle, or two writes in one cycle. The
dual-access RAM is located in the (byte) address range 000000h-00FFFFh, it can be accessed by the
program, data and DMA buses. The HPI has NO access to the DARAM block when device is in reset.
Table 3-2. DARAM Blocks
BYTE ADDRESS RANGE
MEMORY BLOCK
000000h – 001FFFh
DARAM 0
002000h – 003FFFh
DARAM 1
004000h – 005FFFh
DARAM 2
006000h – 007FFFh
DARAM 3
008000h – 009FFFh
DARAM 4
00A000h – 00BFFFh
DARAM 5
00C000h – 00DFFFh
DARAM 6
00E000h – 00FFFFh
DARAM 7
On the TMS320VC5502, instructions may reside in internal memory or external memory. When
instructions reside in external memory, the I-Cache can improve the overall system performance by
buffering the most recent instructions accessed by the CPU.
The 5502 includes a 16K-byte instruction cache, which consists of a single 2-way cache block. The 2-way
cache uses 2-way associative mapping and holds up to 16K bytes: 512 sets, two lines per set, four 32-bit
words per line. In the 2-way cache, each line is identified by a unique tag. The 2-way cache is updated
based on a least-recently-used algorithm.
Control bits in the CPU status register ST3_55 provide the ability to enable, freeze, and flush the cache.
For more information on the instruction cache, see the TMS320VC5501/5502 DSP Instruction Cache
Reference Guide (literature number SPRU630).
Functional Overview
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com