Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 48Page - Texas Instruments TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments TMS320VC5502 Datasheet HTML 51Page - Texas Instruments TMS320VC5502 Datasheet HTML 52Page - Texas Instruments TMS320VC5502 Datasheet HTML 53Page - Texas Instruments TMS320VC5502 Datasheet HTML 54Page - Texas Instruments TMS320VC5502 Datasheet HTML 55Page - Texas Instruments TMS320VC5502 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 189 page
background image
www.ti.com
3.9
Direct Memory Access (DMA) Controller
3.9.1
DMA Channel 0 Control Register (DMA_CCR0)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Note that when the HPI bootmode is used, the GPIO4 pin can also be used to determine when the internal
reset signal has been deasserted as this pin is used by the HPI to signal to the host that it is ready to
receive access requests.
The 5502 DMA provides the following features:
• Four standard ports for the following data resources: two for DARAM, one for Peripherals, and one for
External Memory
• Six channels, which allow the DMA controller to track the context of six independent DMA channels
• Programmable low/high priority for each DMA channel
• One interrupt for each DMA channel
• Event synchronization. DMA transfers in each channel can be dependent on the occurrence of
selected events.
• Programmable address modification for source and destination addresses
• Idle mode that allows the DMA controller to be placed in a low-power (idle) state under software control
The 5502 has an Auto-wakeup/Idle function for McBSP to DMA to on-chip memory data transfers when
the DMA and the McBSP are both set to IDLE. In the case that the McBSP is set to external clock mode
and the McBSP and the DMA are set to idle, the McBSP and the DMA can wake up from IDLE state
automatically if the McBSP gets a new data transfer. The McBSP and the DMA enter the idle state
automatically after data transfer is complete. [The clock generator (PLL) should be active and the PLL
core should not be in power-down mode for the Auto-wakeup/Idle function to work.]
The 5502 DMA controller allows transfers to be synchronized to selected events. The 5502 supports
16 separate synchronization events and each channel can be tied to separate synchronization event
independent of the other channels. Synchronization events are selected by programming the SYNC field
in the channel-specific DMA Channel Control Register (DMA_CCR).
The 5502 DMA can access all the internal DARAM space as well as all external memory space. The 5502
DMA also has access to the registers for the following peripheral modules: McBSP, UART, GPIO, PGPIO,
and I
2C.
The DMA Channel 0 Control Register (DMA_CCR0) bit layouts are shown in Figure 3-11. DMA_CCR1 to
DMA_CCR5 have similar bit layouts. See the TMS320VC5501/5502 DSP Direct Memory Access (DMA)
Controller Reference Guide (literature number SPRU613) for more information on the DMA Channel n
Control Register (n = 0, 1, 2, 3, 4, or 5).
15
14
13
12
11
10
9
8
DSTAMODE
SRCAMODE
ENDPROG
WP
REPEAT
AUTOINIT
R/W, 00
R/W, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
7
6
5
4
0
EN
PRIO
FS
SYNC
R/W, 0
R/W, 0
R/W, 0
R/W, 00000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-11. DMA Channel 0 Control Register Layout (0x0C01)
The SYNC field (bits[4:0]) of the DMA_CCR register specifies the event that can initiate the DMA transfer
for the corresponding DMA channel. The five bits allow several configurations as listed in Table 3-9. The
bits are set to zero upon reset. For those synchronization modes with more than one peripheral listed, the
Serial Port 2 Mux Mode bit field of the External Bus Selection Register (XBSR) dictates which peripheral
event is actually connected to the DMA input.
Functional Overview
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com