Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments TMS320VC5502 Datasheet HTML 45Page - Texas Instruments TMS320VC5502 Datasheet HTML 46Page - Texas Instruments TMS320VC5502 Datasheet HTML 47Page - Texas Instruments TMS320VC5502 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 189 page
background image
www.ti.com
Clock
Generator
PGPIO
HPI
(16-Bit
Non-Multiplexed
Mode)
TIMER0
TIMER1
McBSP0
WD Timer
TIMER3
(DSP/BIOS
Timer)
GPIO
McBSP1
UART
I2C
McBSP2
EMIF
CLKOUT, X1
X2/CLKIN
TIM0
TIM1
XF
GPIO[7:0]
SCL, SDA
46
PGPIO[45:0]
HDS1, HDS2, HPIENA
HINT, HRDY
CLKR0, FSR0, CLKX0, FSX0
DR0
DX0
CLKR1, FSR1, CLKX1, FSX1
DR1
DX1
RX
TX
8
HA[15:0], HD[15:0], HCNTL0,
HCNTL1, HCS, HR/W
Interrupt
Control
NMI/WDTOUT(A)
INT[3:0], RESET
IACK
Shading denotes a peripheral module not available for this configuration.
(A ) The NMI/WDTOUT pin has NMI function by default, but can be set to WDTOUT through the TSSR.
3.5
Timers
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Figure 3-5. Configuration Example B
(GPIO6 = 0 and GPIO7 = 0 at Reset)
The 5502 has four 64-bit timers: Timer 0, Timer 1, Watchdog Timer (WDT), and Timer 3. The first two
timers, Timer 0 and Timer 1, are mainly used as general-purpose timers. The third timer, the Watchdog
Timer, can be used as either a general-purpose timer or a watchdog timer. The fourth timer is reserved as
a DSP/BIOS counter; users have no access to this timer.
44
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com