Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 81Page - Texas Instruments TMS320VC5502 Datasheet HTML 82Page - Texas Instruments TMS320VC5502 Datasheet HTML 83Page - Texas Instruments TMS320VC5502 Datasheet HTML 84Page - Texas Instruments TMS320VC5502 Datasheet HTML 85Page - Texas Instruments TMS320VC5502 Datasheet HTML 86Page - Texas Instruments TMS320VC5502 Datasheet HTML 87Page - Texas Instruments TMS320VC5502 Datasheet HTML 88Page - Texas Instruments TMS320VC5502 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.11.7.4
Peripheral IDLE Status Register (PISTR)
15
14
13
12
11
10
9
8
Reserved
MISC
EMIF
BIOST
WDT
PIO
URT
R, 00
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
7
6
5
4
3
2
1
0
I2C
ID
IO
SP2
SP1
SP0
TIM1
TIM0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-29. Peripheral IDLE Status Register Layout (0x9401)
Table 3-31. Peripheral IDLE Status Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-14
R
00
Reserved
MISC
13
R
0
MISC bit
•
MISC = 0: Miscellaneous modules are active
•
MISC = 1: Miscellaneous modules are disabled
Miscellaneous modules include the XBSR, TIMEOUT Error Register,
XBCR, Timer Signal Selection Register, CLKOUT Select Register,
and Clock Mode Control Register.
EMIF
12
R
0
EMIF bit
•
EMIF = 0: EMIF module is active
•
EMIF = 1: EMIF module is disabled
BIOST
11
R
0
BIOS timer bit
•
BIOST = 0: DSP/BIOS timer is active
•
BIOST = 1: DSP/BIOS timer is disabled
WDT
10
R
0
Watchdog timer bit
•
WDT = 0: WDT is active
•
WDT = 1: WDT is disabled
PIO
9
R
0
Parallel GPIO bit
•
PIO = 0: Parallel GPIO is active
•
PIO = 1: Parallel GPIO is disabled
URT
8
R
0
UART bit
•
URT = 0: UART is active
•
URT = 1: UART is disabled
I2C
7
R
0
I2C bit
•
I2C = 0: I2C is active
•
I2C = 1: I2C is disabled
ID
6
R
0
ID bit
•
ID = 0: ID is active
•
ID = 1: ID is disabled
IO
5
R
0
IO bit
•
IO = 0: GPIO is active
•
IO = 1: GPIO is disabled
SP2
4
R
0
McBSP2 bit
•
SP2 = 0: McBSP2 is active
•
SP2 = 1: McBSP2 is disabled
SP1
3
R
0
McBSP1 bit
•
SP1 = 0: McBSP1 is active
•
SP1 = 1: McBSP1 is disabled
Functional Overview
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com