Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 93Page - Texas Instruments TMS320VC5502 Datasheet HTML 94Page - Texas Instruments TMS320VC5502 Datasheet HTML 95Page - Texas Instruments TMS320VC5502 Datasheet HTML 96Page - Texas Instruments TMS320VC5502 Datasheet HTML 97Page - Texas Instruments TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments TMS320VC5502 Datasheet HTML 100Page - Texas Instruments TMS320VC5502 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 189 page
background image
www.ti.com
3.13.1
External Bus Control Register (XBCR)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
15
8
Reserved
R, 00000000
7
6
5
4
3
2
1
0
EMU
TEST
WDT
HC
HD
PC
PD
PA
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-43. External Bus Control Register Layout (0x8800)
Table 3-47. External Bus Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-8
R
00000000
Reserved
EMU
7
R/W
0
EMU bit
•
EMU = 0: Pullups on EMU1 and EMU0 pins are enabled.
•
EMU = 1: Pullups on EMU1 and EMU0 pins are disabled.
TEST
6
R/W
0
TEST bit
•
TEST = 0: Pullups/pulldowns on test pins are enabled (does not
include EMU1 and EMU0 pins)
•
TEST = 1: Pullups/pulldowns on test pins are disabled (does not
include EMU1 and EMU0 pins)
WDT
5
R/W
0
WDT bit
•
WDT = 0: Pullup on NMI/WDTOUT pin is enabled
•
WDT = 1: Pullup on NMI/WDTOUT pin is disabled
HC
4
R/W
0
HPI control signal bit
•
HC = 0: Pullups/pulldowns on HPI control pins (HC0 and HC1) are
enabled
•
HC = 1: Pullups/pulldowns on HPI control pins (HC0 and HC1) are
disabled
HD
3
R/W
0
HPI data bus bit
•
HD = 0: Bus holders on HPI data bus (pins HD[7:0]) are enabled
•
HD = 1: Bus holders on HPI data bus (pins HD[7:0]) are disabled
PC
2
R/W
0
EMIF control signals
•
PC = 0: Bus holders and pullups on EMIF control pins are enabled
•
PC = 1: Bus holders and pullups on EMIF control pins are disabled
PD
1
R/W
0
EMIF data bus signals
•
PD = 0: Bus holders on EMIF data bus (pins D[31:0]) are enabled
•
PD = 1: Bus holders on EMIF data bus (pins D[31:0]) are disabled
PA
0
R/W
0
EMIF address bus signals
•
PA = 0: Bus holders on EMIF address bus (pins A[21:2]) are
enabled
•
PA = 1: Bus holders on EMIF address bus (pins A[21:2]) are
disabled
Functional Overview
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com