Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320VC5502 Datasheet HTML 1Page - Texas Instruments TMS320VC5502 Datasheet HTML 2Page - Texas Instruments TMS320VC5502 Datasheet HTML 3Page - Texas Instruments TMS320VC5502 Datasheet HTML 4Page - Texas Instruments TMS320VC5502 Datasheet HTML 5Page - Texas Instruments TMS320VC5502 Datasheet HTML 6Page - Texas Instruments TMS320VC5502 Datasheet HTML 7Page - Texas Instruments TMS320VC5502 Datasheet HTML 8Page - Texas Instruments TMS320VC5502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 189 page
background image
www.ti.com
Revision History
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
This data sheet revision history highlights the technical changes made to the SPRS166G device-specific
data sheet to make it an SPRS166H revision.
Scope: Deleted Section 7.1 (Ball Grid Array Mechanical Data) and Section 7.2 (Low-Profile Quad
Flatpack Mechanical Data). Mechanical drawings of the 201-terminal GZZ, 201-terminal ZZZ, and 176-pin
PGF packages will be appended to this document via an automated process.
Added 201-terminal ZZZ package information/data, added Section 4.1 [Notices Concerning JTAG (IEEE
1149.1) Boundary Scan Test Capability], added Section 6.2 (Packaging Information), etc.
ADDITIONS/CHANGES/DELETIONS
Global:
•
added 201-terminal ZZZ package information/data
•
updated title of SPRU146 to "TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference
Guide"
•
updated title of SPRU592 to "TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP)
Reference Guide"
•
moved "Package Thermal Resistance Characteristics" section to Chapter 6, Mechanical Data
Section 1.1, Features:
•
added 201-terminal ZZZ package to "Packages" feature
Section 2.2.1:
•
changed title from "Ball Grid Array (GZZ)" to "Ball Grid Array (GZZ and ZZZ)"
•
updated "The TMS320VC5502 is offered in ..." paragraph
Figure 2-1:
•
changed title from "201-Terminal GZZ Ball Grid Array (Bottom View)" to "201-Terminal GZZ and ZZZ Ball Grid Array (Bottom
View)"
Table 2-1:
•
changed title from "201-Terminal GZZ Ball Grid Array Thermal Ball Locations" to "201-Terminal GZZ and ZZZ Ball Grid Array
Thermal Ball Locations"
Table 2-2:
•
changed title from "201-Terminal GZZ Ball Grid Array Ball Assignments" to "201-Terminal GZZ and ZZZ Ball Grid Array Ball
Assignments"
Table 2-4, Signal Descriptions:
•
updated FUNCTION of HCS, HDS1, HDS2, and HPIENA
Figure 3-2, TMS320VC5502 Memory Map:
•
added "Byte Address" above addresses
•
added footnote about CE space size
Updated Section 3.8, Host-Port Interface (HPI)
Section 3.10.6, Reset Sequence:
•
updated "After all internal delay cycles have expired, ..." bulleted item
Table 3-57, Peripheral Bus Controller Configuration Registers:
•
added Time-Out Control Register (TOCR) at 0x9000
Chapter 4, Support:
•
added Section 4.1, Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
•
added Section 4.1.1, Initialization Requirements for Boundary Scan Test
•
added Section 4.1.2, Boundary Scan Description Language (BSDL) Model
Section 4.2, Documentation Support:
•
updated title of SPRU146 to "TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference
Guide"
•
updated title of SPRU592 to "TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP)
Reference Guide"
2
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com