Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 58Page - Texas Instruments TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-13. PLL Control/Status Register Bit Field Description (continued)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
PLLEN
0
R/W
0
PLL mode enable. This bit controls the multiplexer before dividers
D1, D2, and D3.
•
PLLEN = 0:
Bypass mode. Divider D1 and PLL are bypassed. SYSCLK1 to 3
divided down directly from input reference clock.
•
PLLEN = 1:
PLL mode. Divider D1 and PLL are not bypassed. SYSCLK1
to 3 divided down from PLL output.
3.10.5.2
PLL Multiplier Control Register (PLLM)
15
8
Reserved
R, 00000000
7
5
4
0
Reserved
PLLM
R, 000
R/W, 00000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-16. PLL Multiplier Control Register Layout (0x1C88)
Table 3-14. PLL Multiplier Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:5
R
00000000000
Reserved. Reads return 0. Writes have no effect.
PLLM
4:0
R/W
00000
PLL multiplier-select
•
PLLM = 00000-00001: Reserved
•
PLLM = 00010: Times 2
•
PLLM = 00011: Times 3
•
PLLM = 00100: Times 4
•
PLLM = 00101: Times 5
•
PLLM = 00110: Times 6
•
PLLM = 00111: Times 7
•
PLLM = 01000: Times 8
•
PLLM = 01001: Times 9
•
PLLM = 01010: Times 10
•
PLLM = 01011: Times 11
•
PLLM = 01100: Times 12
•
PLLM = 01101: Times 13
•
PLLM = 01110: Times 14
•
PLLM = 01111: Times 15
•
PLLM = 10000–11111: Reserved
62
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com