Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments TMS320VC5502 Datasheet HTML 72Page - Texas Instruments TMS320VC5502 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.5.8
Oscillator Wakeup Control Register (WKEN)
This register controls whether different events in the system are enabled to wake up the device after
entering OSCPWRDN.
15
8
Reserved
R, 00000000
7
5
4
3
2
1
0
Reserved
WKEN4
WKEN3
WKEN2
WKEN1
WKEN0
R, 000
R/W, 1
R/W, 1
R/W, 1
R/W, 1
R/W, 1
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-22. Oscillator Wakeup Control Register Layout (0x1C98)
Table 3-20. Oscillator Wakeup Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:5
R
00000000000
Reserved. Reads return 0. Writes have no effect.
WKEN4
4
R/W
1
Input INT3 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
•
WKEN4 = 0:
Wake-up enabled. A low-to-high transition on INT3 wakes up the
oscillator and clears the OSCPWRDN bit.
•
WKEN4 = 1:
Wake-up disabled. A low-to-high transition on INT3 does not wake
up the oscillator.
WKEN3
3
R/W
1
Input INT2 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
•
WKEN3 = 0:
Wake-up enabled. A low-to-high transition on INT2 wakes up the
oscillator and clears the OSCPWRDN bit.
•
WKEN3 = 1:
Wake-up disabled. A low-to-high transition on INT2 does not wake
up the oscillator.
WKEN2
2
R/W
1
Input INT1 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
•
WKEN2 = 0:
Wake-up enabled. A low-to-high transition on INT1 wakes up the
oscillator and clears the OSCPWRDN bit.
•
WKEN2 = 1:
Wake-up disabled. A low-to-high transition on INT1 does not wake
up the oscillator.
WKEN1
1
R/W
1
Input INT0 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
•
WKEN1 = 0:
Wake-up enabled. A low-to-high transition on INT0 wakes up the
oscillator and clears the OSCPWRDN bit.
•
WKEN1 = 1:
Wake-up disabled. A low-to-high transition on INT0 does not wake
up the oscillator.
Functional Overview
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com