Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 96Page - Texas Instruments TMS320VC5502 Datasheet HTML 97Page - Texas Instruments TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments TMS320VC5502 Datasheet HTML 100Page - Texas Instruments TMS320VC5502 Datasheet HTML 101Page - Texas Instruments TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 189 page
background image
www.ti.com
3.14.2
DPORT Interface
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.14.1.2
XPORT Bus Error Register (XERR)
The XPORT Bus Error Register bit layout is shown in Figure 3-45 and the bits are described in
Table 3-50.
15
14
13
12
11
8
INTERR
Reserved
PERITO
Reserved
R, 0
R, 00
R, 0
R, 0000
7
5
4
3
2
0
Reserved
EBUS
DBUS
Reserved
R, 000
R, 0
R, 0
R, 000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-45. XPORT Bus Error Register Layout (0x0102)
Table 3-50. XPORT Bus Error Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
INTERR
15
R
0
INTERR bit
•
INTERR = 0: No error
•
INTERR = 1: An error occurred during an access to one of the
registers listed in Table 3-48.
Reserved
14–13
R
00
Reserved
PERITO
12
R
0
PERITO bit
•
PERITO = 0: No error
•
PERITO = 1: A time-out error occurred during an access to a
peripheral register.
Reserved
11–5
R
0000000
Reserved
EBUS
4
R
0
EBUS error bit(1)
•
EBUS = 0: No error
•
EBUS = 1: An error occurred during an EBUS access (write) to
one of the registers listed in Table 3-48.
DBUS
3
R
0
DBUS error bit(1)
•
DBUS = 0: No error
•
DBUS = 1: An error occurred during a DBUS access (read) to
one of the registers listed in Table 3-48.
Reserved
2–0
R
000
Reserved
(1)
See the TMS320C55x DSP CPU Reference Guide (literature number SPRU371) for more information on the D-bus and E-bus.
The DPORT interfaces the CPU to the EMIF module. The DPORT is capable of enabling write posting on
the EMIF module. Write posting prevents stalls to the CPU during external memory writes. Two write
posting registers, which are freely associated with E and F bus writes, exist within the DPORT and are
used to store the write address and data so that writes can be zero wait state for the CPU. External
memory writes will not generate stalls to the CPU unless the two write posting registers are filled. Write
posting is enabled by setting the WPE bit of the DCR to 1.
The EMIFTO bit of the DERR is used to indicate that a CPU, DMA, HPI, or IPORT access to external
memory has generated a time-out error. The time-out error feature is enabled through the EMIFTOEN bit
of the Time-Out Control Register (TOCR). This function is not recommended during normal operation of
the 5502.
100
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com