Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 56Page - Texas Instruments TMS320VC5502 Datasheet HTML 57Page - Texas Instruments TMS320VC5502 Datasheet HTML 58Page - Texas Instruments TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 189 page
background image
www.ti.com
3.10.5
PLL Control Registers
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.4.2
Fast Peripherals Clock Group
Changes to the clock of the C55x Subsystem Clock Group affect the clock of the Fast Peripherals Clock
Group. The PLLDIV1 value of the PLL Divider1 Register (PLLDIV1) should not be set in a manner that
makes the frequency for this clock group greater than 150 MHz. There must be no activity in the modules
included in the Fast Peripherals Clock Group when the value of PLLDIV1 is being changed. It is
recommended that the fast peripheral modules be put in IDLE mode before changing the PLLDIV1 value.
3.10.4.3
Slow Peripherals Clock Group
Changes to the clock of the C55x Subsystem Clock Group affect the clock of the Slow Peripherals Clock
Group. The PLLDIV2 value of the PLL Divider2 Register (PLLDIV2) should not be set in a manner that
makes the frequency for this clock group greater than 150 MHz or greater than the frequency of the Fast
Peripherals Clock Group. There must be no activity in the modules included in the Slow Peripherals Clock
Group when the value of PLLDIV2 is being changed. It is recommended that the slow peripheral modules
be put in IDLE mode before changing the PLLDIV2 value.
3.10.4.4
External Memory Interface Clock Group
Changes to the clock of the C55x Subsystem Clock Group affect the clock of the External Memory
Interface Clock Group. The PLLDIV3 value of the PLL Divider3 Register (PLLDIV3) should not be set in a
manner that makes the frequency for this clock group greater than 100 MHz or greater than the frequency
of the Fast Peripherals Clock Group, whichever is smaller. If an external clock is used, the clock on the
ECLKIN pin can be up to 100 MHz and the output of divider 3 can be set equal to or lower than the
frequency of the Fast Peripherals Clock Group. There must be no external memory accesses when the
value of PLLDIV3 is being changed, this means that the value of PLLDIV3 cannot be changed by a
program that is being executed from external memory. It is recommended that the EMIF be put in IDLE
mode before changing the PLLDIV3 value.
The 5502 PLL control registers are accessible via the I/O memory map.
Table 3-12. PLL Control Registers
ADDRESS
REGISTER
1C80h
PLLCSR
1C82h
CK3SEL
1C88h
PLLM
1C8Ah
PLLDIV0
1C8Ch
PLLDIV1
1C8Eh
PLLDIV2
1C90h
PLLDIV3
1C92h
OSCDIV1
1C98h
WKEN
8400h
CLKOUTSR
8C00h
CLKMD
60
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com