Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments TMS320VC5502 Datasheet HTML 45Page - Texas Instruments TMS320VC5502 Datasheet HTML 46Page - Texas Instruments TMS320VC5502 Datasheet HTML 47Page - Texas Instruments TMS320VC5502 Datasheet HTML 48Page - Texas Instruments TMS320VC5502 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 189 page
background image
www.ti.com
3.5.1
Timer Interrupts
10
Others
IWCON
RESET
INT3
NMI
TINT1
TINT0
TINT
10
11
01
RESET
INT3
NMI/WDTOUT
Timer0
TINT
Timer1
TINT
Watchdog
Timer
TMS320VC5502 DSP
Interrupt Logic
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Each timer has one input, one output, and one interrupt signal: TIN, TOUT, and TINT, respectively.
Timer 0, Timer 1, and the Watchdog Timer are each assigned a pin: TIM0 pin is assigned to Timer 0,
TIM1 is assigned to Timer 1, and NMI/WDTOUT is used by the Watchdog Timer. The input (TIN) or output
(TOUT) signal of Timer 0, Timer 1, and the Watchdog Timer can be connected to their respective pins via
the Timer Signal Selection Register (TSSR).
The DSP/BIOS timer input, output, and interrupt signals are not internally connected. No interrupts are
needed from this timer; therefore, the timer interrupt signal is not internally connected to the CPU interrupt
logic.
The interrupt signal (TINT) of the Watchdog Timer can be internally connected to the NMI, RESET, and
INT3 signals via the TSSR.
Note that the NMI/WDTOUT pin has a dual function: Watchdog Timer pin and NMI input pin. The function
of the NMI/WDTOUT pin can be selected through the TSSR.
For more information on the 5502 timers, see the TMS320VC5501/5502 DSP Timers Reference Guide
(literature number SPRU618).
As stated earlier, each timer has one input, one output, and one interrupt signal: TIN, TOUT, and TINT,
respectively. The interrupt signals of Timer 0 and Timer 1 are directly connected to the interrupt logic of
the DSP (see Figure 3-6). The interrupts for Timer 0 and Timer 1 are maskable and can be enabled or
disabled through the TINT0 and TINT1 bits of the interrupt enable registers (IER0 and IER1); setting
TINT0 of IER0 to '1' enables the interrupt for Timer 0 and setting TINT1 of IER1 enables the interrupt for
Timer 1.
Figure 3-6. Timer Interrupts
Functional Overview
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com