Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 74Page - Texas Instruments TMS320VC5502 Datasheet HTML 75Page - Texas Instruments TMS320VC5502 Datasheet HTML 76Page - Texas Instruments TMS320VC5502 Datasheet HTML 77Page - Texas Instruments TMS320VC5502 Datasheet HTML 78Page - Texas Instruments TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments TMS320VC5502 Datasheet HTML 81Page - Texas Instruments TMS320VC5502 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 189 page
background image
www.ti.com
3.11.5
Auto-Wakeup/Idle Function for McBSP and DMA
3.11.6
Clock State of Multiplexed Modules
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
To take the 5502 (including the internal oscillator) out of the idle 3 state, execute the following procedure:
1. External interrupt or NMI occurs (as specified in the WKEN register) and program flow begins after
41,032 reference clock cycles.
2. CPU wakes up.
3. Write '0' to all bits in the ICR.
4. Execute the IDLE instruction.
5. All internal clocks are enabled and all modules come out of idle.
6. Write '0' to the PLLPWRDN, PLLRST, and OSCPWRDN bits in PLLCSR.
7. Wait for the PLL to relock by polling the LOCK bit or by setting up a LOCK interrupt.
8. Set the PLLEN bit in PLLCSR to '1'.
9. All internal clocks will now come from the PLL core.
NOTE
Step 2 can be modified to only wake up certain modules, see previous sections for more
information on the wake-up procedures for the 5502 modules.
3.11.4.8
Summary of Wake-up Procedures
Table 3-26 summarizes the wake-up procedures.
Table 3-26. Wake-Up Procedures
CLOCK DOMAIN
ISTR VALUE
EXIT FROM IDLE
ICR AFTER WAKE-UP
ISTR AFTER WAKE-UP
STATUS
xxx0xxx0
CPU - ON
1.
DSP software modifies ICR 1.
Modified value
1.
Updated
to
ICR
modified
Clock Generator - ON
and executes "IDLE" instruc-
value after "IDLE" instruction
2.
All "0"
Other - ON/OFF
tion
2.
All "0"
2.
Reset
xxx0xxx1
CPU - OFF
1.
Unmasked interrupt from ex- 1.
Not modified
1.
CPUIS,
CLKIS,
and
Clock Generator - ON
ternal or on-chip module
EMIFIS/XPORTIS/IPORTIS
2.
All "0"
Other - ON/OFF
are set to "0"
2.
Reset
2.
All "0"
xxx11111
CPU - OFF
1.
Unmasked interrupt from ex- 1.
Not modified
1.
CPUIS,
CLKIS,
and
Clock Generator - OFF
ternal
EMIFIS/XPORTIS/IPORTIS
2.
All "0"
Other - OFF
are set to "0"
2.
Reset
2.
All "0"
The 5502 has an Auto-wakeup/Idle function for McBSP to DMA to on-chip memory data transfers when
the DMA and the McBSP are both set to IDLE. In the case that the McBSP is set to external clock mode
and the McBSP and the DMA are set to idle, the McBSP and the DMA can wake up from IDLE state
automatically if the McBSP gets a new data transfer. The McBSP and the DMA enter the idle state
automatically after data transfer is complete. [The clock generator (PLL) should be active and the PLL
core should not be in power-down mode for the Auto-wakeup/Idle function to work.]
The clock to the McBSP2, UART, and EMIF modules is disabled automatically when these modules are
not selected through the External Bus Selection Register (XBSR). Note that any accesses to disabled
modules will result in a bus error.
78
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com