Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 76Page - Texas Instruments TMS320VC5502 Datasheet HTML 77Page - Texas Instruments TMS320VC5502 Datasheet HTML 78Page - Texas Instruments TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments TMS320VC5502 Datasheet HTML 81Page - Texas Instruments TMS320VC5502 Datasheet HTML 82Page - Texas Instruments TMS320VC5502 Datasheet HTML 83Page - Texas Instruments TMS320VC5502 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-28. IDLE Configuration Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-10
R
000000
Reserved
CLKEI
9
R/W
0
Extended device clock generator idle control bit. The CLKEI bit must be
set to 1 along with the CLKI bit in order to properly place the device clock
generator in idle.
•
CLKI = 0 and CLKEI = 0:
Device clock generator module remains active after execution of an
IDLE instruction.
•
CLKI = 1 and CLKEI = 1:
Device clock generator is disabled after execution of an IDLE
instruction.
Any other combination of CLKI and CLKEI is not valid. Setting CLKI to 1
and executing the IDLE instruction will generate a bus error interrupt if
CLKEI is not set to 1.
Disabling the clock generator provides the lowest level of power reduction
by stopping the system clock. Whenever the clock generator is idled, the
CLKEI, CPUI, MPI, ICACHEI, EMIFI, XPORTI, MPORTI, and IPORTI bits
must be set to 1 in order to ensure a proper power-down mode. A bus
error interrupt will be generated if the idle instruction is executed when
CLKI = 1 and any of these bits are not set to 1.
IPORTI
8
R/W
0
IPORT idle control bit. The IPORT is used for all ICACHE transactions.
•
IPORTI = 0:
IPORT remains active after execution of an IDLE instruction
•
IPORTI = 1:
IPORT is disabled after execution of an IDLE instruction
MPORTI
7
R/W
0
MPORT idle control bit. The MPORT is used for all DMA and HPI
transactions.
•
MPORTI = 0:
MPORT remains active after execution of an IDLE instruction
•
MPORTI = 1:
MPORT is disabled after execution of an IDLE instruction
XPORTI
6
R/W
0
XPORT idle control bit. The XPORT is used for all I/O memory
transactions.
•
XPORTI = 0:
XPORT remains active after execution of an IDLE instruction
•
XPORTI = 1:
XPORT is disabled after execution of an IDLE instruction
EMIFI
5
R/W
0
External Memory Interface (EMIF) idle control bit
•
EMIFI = 0:
EMIF module remains active after execution of an IDLE instruction
•
EMIFI = 1:
EMIF module is disabled after execution of an IDLE instruction
CLKI
4
R/W
0
Device clock generator idle control bit. The CLKEI bit must be set to 1
along with the CLKI bit in order to properly place the device clock
generator in idle.
•
CLKI = 0 and CLKEI = 0:
Device clock generator module remains active after execution of an
IDLE instruction.
•
CLKI = 1 and CLKEI = 1:
Device clock generator is disabled after execution of an IDLE
instruction.
Any other combination of CLKI and CLKEI is not valid. Setting CLKI to 1
and executing the IDLE instruction will generate a bus error interrupt if
CLKEI is not set to 1.
Disabling the clock generator provides the lowest level of power reduction
by stopping the system clock. Whenever the clock generator is idled, the
CLKEI, CPUI, MPI, ICACHEI, EMIFI, XPORTI, MPORTI, and IPORTI bits
must be set to 1 in order to ensure a proper power-down mode. A bus
error interrupt will be generated if the idle instruction is executed when
CLKI = 1 and any of these bits are not set to 1.
80
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com