Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments TMS320VC5502 Datasheet HTML 45Page - Texas Instruments TMS320VC5502 Datasheet HTML 46Page - Texas Instruments TMS320VC5502 Datasheet HTML 47Page - Texas Instruments TMS320VC5502 Datasheet HTML 48Page - Texas Instruments TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments TMS320VC5502 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 189 page
background image
www.ti.com
3.5.3
Timer Signal Selection Register (TSSR)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
For all three timers (Timer 0, Timer 1, and the Watchdog Timer), both the TIN and TOUT signals can be
used for general-purpose input/output. The timer pin must be configured for input to use the TIN signal as
general-purpose input/output. The timer pin can be configured as an input by setting the pin mode bit of
the Timer Signal Selection Register (TSSR) to '0'. The TOUT signal can be used as general-purpose
input/output if the timer pin is configured for output. The timer pin can be configured as an output by
setting the pin mode bit of the TSSR to '1'. The GPIO Enable Register (GPEN), GPIO Direction Register
(GPIODIR), and the GPIO Data Register (GPDAT) of each timer can be used to control the state of the
timer pins when used as general-purpose input/output.
The Timer Signal Selection Register (TSSR) controls several pin characteristics for Timer 0, Timer 1, and
the Watchdog Timer. The TSSR can be used to specify whether the pins of Timer 0, Timer 1, and the
Watchdog Timer are inputs or outputs. The TSSR also determines how the interrupt signal of the
Watchdog Timer is connected internally and sets the function for the NMI/WDTOUT pin of the 5502. By
default, all timer pins (TIM0, TIM1, and NMI/WDTOUT) are set as inputs, the interrupt signal of the
Watchdog Timer is not internally connected to anything, and the NMI/WDTOUT pin has the function of the
NMI signal.
15
8
Reserved
R, 00000000
7
6
5
4
3
2
1
0
NMI/WDTOUT_
Reserved
WDT_MODE
TIM1_MODE
TIM0_MODE
IWCON
CFG
R, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 00
R/W, 1
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-8. Timer Signal Selection Register Layout (0x8000)
Table 3-8. Timer Signal Selection Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-6
R
0000000000
Reserved
WDT_MODE
5
R/W
0
WDT pin mode
•
WDT_MODE = 0: WDTOUT pin is used as the timer input pin.
•
WDT_MODE = 1: WDTOUT pin is used as the timer output pin.
TIM1_MODE
4
R/W
0
TIM1 pin mode
•
TIM1_MODE = 0: TIM1 pin is used as the timer input pin.
•
TIM1_MODE = 1: TIM1 pin is used as the timer output pin.
TIM0_MODE
3
R/W
0
TIM0 pin mode
•
TIM0_MODE = 0: TIM0 pin is used as the timer input pin.
•
TIM0_MODE = 1: TIM0 pin is used as the timer output pin.
Functional Overview
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com