Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 189 page
background image
www.ti.com
3.3.3
Serial Port 2 Mux
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-5. TMS320VC5502 Routing of Host Port Mux Signals
PARALLEL/HOST PORT MUX MODE = 0
PARALLEL/HOST PORT MUX MODE = 1
PIN
(PGPIO)
(8-BIT HPI MULTIPLEXED)
Data Bus
HD[7:0]
PGPIO[43:36]
HPI.HD[7:0]
Control Bus
HC0
PGPIO44
HPI.HAS
HC1
PGPIO45
HPI.HBIL
The 5502 has three serial ports: McBSP0, McBSP1, and McBSP2, each of which has six signals. The
signals for McBSP0 and McBSP1 are directly routed to pins on the 5502. Four of the pins for McBSP2 are
multiplexed with two pins of the on-chip UART and two pins of the GPIO, the mode of the Serial Port 2
Mux determines which signals are routed to the 5502 pins.
The mode of the Serial Port 2 Mux is determined by the state of the GPIO7 pin at reset. If GPIO7 is low,
the UART is enabled and its RX and TX pins are routed to the SP1 and SP3 pins, respectively. The
GPIO3 and GPIO5 pins are routed to the SP0 and SP2 pins, respectively. In this mode, McBSP2 will be
disabled and any writes or reads to/from its registers will result in a bus error if the PERITOEN bit of the
Time-Out Control Register is set to 1.
If GPIO7 is high, McBSP2 will be enabled and its CLKX2, CLKR2, FSX2, and FSR2 signals will be routed
to the SP0, SP1, SP2, and SP3 pins, respectively. In this mode, the UART will be disabled and any writes
or reads to/from its registers will result in a bus error if the PERITOEN bit of the Time-Out Control Register
is set to 1. GPIO3 and GPIO5 will not be available during this mode of the Serial Port 2 Mux.
Table 3-6 lists the individual routing of the McBSP2, UART, and GPIO signals to the Serial Port 2 Mux
pins.
Table 3-6. TMS320VC5502 Routing of Serial Port 2 Mux Signals
PIN
SERIAL PORT 2 MUX MODE = 0
SERIAL PORT 2 MUX MODE = 1
SP0
GPIO3
CLKX2
SP1
UART.TX
CLKR2
SP2
GPIO5
FSX2
SP3
UART.RX
FSR2
40
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com