Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 18Page - Texas Instruments TMS320VC5502 Datasheet HTML 19Page - Texas Instruments TMS320VC5502 Datasheet HTML 20Page - Texas Instruments TMS320VC5502 Datasheet HTML 21Page - Texas Instruments TMS320VC5502 Datasheet HTML 22Page - Texas Instruments TMS320VC5502 Datasheet HTML 23Page - Texas Instruments TMS320VC5502 Datasheet HTML 24Page - Texas Instruments TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
The A[17:2] pins of the Parallel Port serve one of two functions: host-port interface
(HPI) address bus signals HPI.HA[15:0] or external memory interface (EMIF)
address bus signals EMIF.A[17:2]. The function of the A[17:2] pins is determined by
the state of the GPIO6 pin during reset. The A[17:2] pins are set to HPI.HA[15:0] if
GPIO6 is low during reset. The A[17:2] pins are set to EMIF.A[17:2] if GPIO6 is high
during reset. The function of the A[17:2] pins will be set once the device is taken out
A[17:2]
I/O/Z
of reset (RESET pin transitions from a low to high state).
The A[17:2] bus includes bus holders to reduce the static power dissipation caused
by floating, unused pins. The bus holders also eliminate the need for external bias
resistors on unused pins. When the bus goes into a high-impedance state, the bus
holders keep the address bus at the logic level that was most recently driven. The
C, D, E, F,
bus holders are enabled at reset and can be enabled/disabled through the External
M
Bus Control Register (XBCR).
HPI address bus. HPI.HA[15:0] is selected when GPIO6 is low during reset. The
HPI.HA[15:0] signals are configured as inputs after reset.
The HPI will operate in non-multiplexed mode when GPIO6 is low during reset. In
HPI.HA[15:0]
I/O/Z
non-multiplexed mode, the HPI uses separate address and data buses: a 16-bit
address bus (HPI.HA[15:0]) and a 16-bit data bus (HPI.HD[15:0]). Each host cycle
on the data bus consists of one 16-bit data transfer.
EMIF address bus. EMIF.A[17:2] is selected when GPIO6 is high during reset. The
EMIF.A[17:2]
O/Z
EMIF.A[17:2] signals are in a high-impedance state during reset and are configured
as outputs after reset with an output value of 0.
Parallel Port — Data Bus
The D[31:16] pins of the Parallel Port serve one of two functions: parallel
general-purpose input/output (PGPIO) signals PGPIO[19:4] or external memory
interface (EMIF) data bus signals EMIF.D[31:16]. The function of the D[31:16] pins is
determined by the state of the GPIO6 pin during reset. The D[31:16] pins are set to
PGPIO[19:4] if GPIO6 is low during reset. The D[31:16] pins are set to
EMIF.D[31:16] if GPIO6 is high during reset. The function of the D[31:16] pins will be
set once the device is taken out of reset (RESET pin transitions from a low to high
D[31:16]
I/O/Z
state).
The D[31:16] bus includes bus holders to reduce the static power dissipation caused
C, D, E, F,
by floating, unused pins. The bus holders also eliminate the need for external bias
G, H, M
resistors on unused pins. When the bus goes into a high-impedance state, the bus
holders keep the data bus at the logic level that was most recently driven. The bus
holders are enabled at reset and can be enabled/disabled through the External Bus
Control Register (XBCR).
Parallel general-purpose I/O. PGPIO[19:4] is selected when GPIO6 is low during
PGPIO[19:4]
I/O/Z
reset. The PGPIO[19:4] signals are configured as inputs after reset.
EMIF data bus. EMIF.D[31:16] is selected when GPIO6 is high during reset. The
EMIF.D[31:16]
I/O/Z
EMIF.D[31:16] signals are configured as inputs after reset.
The D[15:0] pins of the Parallel Port serve one of two functions: host-port interface
(HPI) data bus signals HPI.HD[15:0] and external memory interface (EMIF) data bus
signals EMIF.D[15:0]. The function of the D[15:0] pins is determined by the state of
the GPIO6 pin during reset. The D[15:0] pins are set to HPI.HD[15:0] if GPIO6 is low
during reset. The D[15:0] pins are set to EMIF.D[15:0] if GPIO6 is high during reset.
The function of the D[15:0] pins will be set once the device is taken out of reset
D[15:0]
I/O/Z
(RESET pin transitions from a low to high state).
The D[15:0] bus includes bus holders to reduce the static power dissipation caused
by floating, unused pins. The bus holders also eliminate the need for external bias
resistors on unused pins. When the bus goes into a high-impedance state, the bus
C, D, E, F, holders keep the data bus at the logic level that was most recently driven. The bus
M
holders are enabled at reset and can be enabled/disabled through the External Bus
Control Register (XBCR).
HPI data bus. HPI.HD[15:0] is selected when GPIO6 is low during reset. The
HPI.HD[15:0] signals are configured as inputs after reset.
The HPI will operate in non-multiplexed mode when GPIO6 is low during reset. In
HPI.HD[15:0]
I/O/Z
non-multiplexed mode, the HPI uses separate address and data buses: a 16-bit
address bus (HPI.HA[15:0]) and a 16-bit data bus (HPI.HD[15:0]). Each host cycle
on the data bus consists of one 16-bit data transfer.
EMIF data bus. EMIF.D[15:0] is selected when GPIO6 is high during reset. The
EMIF.D[15:0]
I/O/Z
EMIF.D[15:0] signals are configured as inputs after reset.
22
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com