Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 75Page - Texas Instruments TMS320VC5502 Datasheet HTML 76Page - Texas Instruments TMS320VC5502 Datasheet HTML 77Page - Texas Instruments TMS320VC5502 Datasheet HTML 78Page - Texas Instruments TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments TMS320VC5502 Datasheet HTML 81Page - Texas Instruments TMS320VC5502 Datasheet HTML 82Page - Texas Instruments TMS320VC5502 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 189 page
background image
www.ti.com
3.11.7
IDLE Control and Status Registers
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
The clock domains are controlled by the IDLE Configuration Register (ICR) that allows the user to place
different parts of the device in Idle mode. The IDLE Status Register (ISTR) reflects the portion of the
device that remains active. The peripheral domain is controlled by the Peripheral IDLE Control Register
(PICR). The Peripheral IDLE Status Register (PISTR) reflects the portion of the peripherals that are in the
IDLE state. The Master IDLE Control Register (MICR) is used to place the HPI and DMA in Idle mode.
The IDLE state of the HPI and DMA is reflected by the Master IDLE Status Register (MISR). The PLL
Control/Status Register (PLLCSR) is used to power down the PLL core when the IDLE instruction is
executed.
The settings in the ICR, PICR, and MICR take effect after the IDLE instruction is executed. For example,
writing xxx000001b into the ICR does not indicate that the CPU domain is in IDLE mode; rather, it
indicates that after the IDLE instruction, the CPU domain will be in IDLE mode. Procedures for placing
portions of the device in Idle mode and taking them out of Idle mode are described in Section 3.11.2 (IDLE
Procedures) and Section 3.11.4 (Wake-Up Procedures), respectively.
Table 3-27. Clock Domain Memory-Mapped Registers
ADDRESS
REGISTER NAME
0x0001
IDLE Configuration Register (ICR)
0x0002
IDLE Status Register (ISTR)
0x9400
Peripheral IDLE Control Register (PICR)
0x9401
Peripheral IDLE Status Register (PISTR)
0x9402
Master IDLE Control Register (MICR)
0x9403
Master IDLE Status Register (MISR)
3.11.7.1
IDLE Configuration Register (ICR)
15
10
9
8
Reserved
CLKEI(1)
IPORTI
R, 000000
R/W, 0
R/W, 0
7
6
5
4
3
2
1
0
MPORTI
XPORTI
EMIFI
CLKI
PERI
ICACHEI
MPI
CPUI
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
(1)
This bit must be set to '1' when placing the clock generator in idle; otherwise, a bus error interrupt will be generated.
Figure 3-26. IDLE Configuration Register Layout (0x0001)
Functional Overview
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com