Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments TMS320VC5502 Datasheet HTML 29Page - Texas Instruments TMS320VC5502 Datasheet HTML 30Page - Texas Instruments TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
Non-maskable external interrupt or Watchdog Timer output.The function of this
pin is controlled by the Timer Signal Selection Register (TSSR). By default, the
NMI/WDTOUT pin has the function of the NMI signal.
NMI/WDTOUT
I/O/Z
C, F, J, M
NMI is an external interrupt that cannot be masked by the Interrupt Enable Registers
(IER0 and IER1). When NMI is activated, the interrupt is always performed.
WDTOUT serves as an input and output pin for the Watchdog Timer.
Interrupt acknowledge. IACK indicates the receipt of an interrupt and that the
IACK
O/Z
F, M
program counter is fetching the interrupt vector location designated on the address
bus. The IACK pin is set to a value of '1' during reset.
Device reset. RESET causes the digital signal processor (DSP) to terminate current
program execution. When RESET is brought to a high level, program execution
RESET
I
C, L
begins by fetching the reset interrupt service vector at the reset vector address
FFFF00h (IVPD:FFFFh). RESET affects various registers and status bits.
General-Purpose I/O Pins
General-purpose configurable inputs/outputs. GPIO[7:0] can be individually
configured as inputs or outputs via the GPIO Direction Register (IODIR). Data can
be read from inputs or written to outputs via the GPIO Data Register (IODATA). The
GPIO pins are configured as inputs after reset.
Boot mode selection signals. GPIO[2:0]/BOOTM[2:0] are sampled following reset
to configure the boot mode for the DSP. After the boot is completed, these pins can
be used as general-purpose inputs/outputs.
The GPIO4 pin is also used as an output for handshaking purposes on some of the
boot modes. Although this pin is not involved in boot mode selection, users should
be aware that this pin will become active as an output during the bootload process
and should design accordingly. After the bootload process is complete, the loaded
application may change the function of the GPIO4 pin.
Multiplexed general-purpose input/output pins. The GPIO3 signal is multiplexed
with the CLKX2 signal through the SP0 pin. The function of the SP0 pin is
determined by the state of the GPIO7 pin during reset. The SP0 pin is set to GPIO3
if GPIO7 is low during reset. The SP0 pin is set to CLKX2 if GPIO7 is high during
reset. The function of the SP0 pin will be set once the device is taken out of reset
(RESET pin transitions from a low to high state).
The GPIO5 signal is multiplexed with the FSX2 signal through the SP2 pin. The
GPIO7
function of the SP2 pin is determined by the state of the GPIO7 pin during reset.
GPIO6
The SP2 pin is set to GPIO5 if GPIO7 is low during reset. The SP2 pin is set to
GPIO5
FSX2 if GPIO7 is high during reset. The function of the SP2 pin will be set once the
GPIO4
device is taken out of reset (RESET pin transitions from a low to high state).
I/O/Z
F, G, H, M
GPIO3
Input clock source selection. The CLKMD0 bit of the Clock Mode Control Register
GPIO2/BOOTM2
(CLKMD) determines which clock, either OSCOUT or X2/CLKIN, is used as an input
GPIO1/BOOTM1
clock source to the DSP. If GPIO4 is low at reset, the CLKMD0 bit of the Clock
GPIO0/BOOTM0
Mode Control Register (CLKMD) will be set to '0' and the internal oscillator and the
external crystal will generate an input clock (OSCOUT) for the DSP. If GPIO4 is
high, the CLKMD0 bit will be set to '1' and the input clock will be taken directly from
the X2/CLKIN pin.
An external crystal must be attached to the X1 and X2/CLKIN pins when the internal
oscillator is used to generate a clock to the DSP. Otherwise, when the oscillator is
not used to generate the input clock for the DSP, an externally generated 3.3-V
clock must be applied to the X2/CLKIN pin and the X1 pin must be left unconnected.
Function selection for multiplexed pins. The GPIO6 pin is used to select the
function of the multiplexed signals in the Parallel Port and the Host Port. The EMIF
will be disabled and the HPI will operate in non-multiplexed mode when the GPIO6
pin is low during reset. The EMIF will be enabled and the HPI will operate in
multiplexed mode when the GPIO6 pin is high during reset. The function of the
multiplexed signals will be set once the device is taken out of reset (RESET pin
transitions from a low to high state).
The GPIO7 pin is used to select the function of the multiplexed signals of Serial Port
2. The UART will be enabled and McBSP2 will be disabled when GPIO7 is low
during reset. McBSP2 will be enabled and the UART will be disalbed when GPIO7 is
high during reset. The function of the multiplexed signals will be set once the device
is taken out of reset (RESET pin transitions from a low to high state).
External output (latched software-programmable signal). XF is set high by the
BSET XF instruction, set low by BCLR XF instruction, or by loading ST1. XF is used
XF
O/Z
F
for signaling other processors in multiprocessor configurations or used as a
general-purpose output pin. The XF pin is set to a value of '1' during reset.
Introduction
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com