Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 189 page
background image
www.ti.com
3.3
Configurable External Ports and Signals
3.3.1
Parallel Port Mux
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
• A Universal Asynchronous Receiver/Transmitter (UART)
For detailed information on the C55x DSP peripherals, see the following documents:
• TMS320VC5501/5502 DSP Instruction Cache Reference Guide (literature number SPRU630)
• TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618)
• TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference Guide
(literature number SPRU146)
• TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)
• TMS320VC5501/5502 DSP Direct Memory Access (DMA) Controller Reference Guide (literature
number SPRU613)
• TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Refer-
ence Guide (literature number SPRU592)
• TMS320VC5501/5502 DSP External Memory Interface (EMIF) Reference Guide (literature number
SPRU621)
• TMS320VC5501/5502 DSP Universal Asynchronous Receiver/Transmitter (UART) Reference Guide
(literature number SPRU597)
A number of pins on the 5502 have two functions, a feature that allows system designers to choose an
appropriate media interface for his/her application without the need for a large pin-count package. Three
muxes are included in the 5502 to control the configuration of these dual-function pins: the Parallel Port
Mux, the Host Port Mux, and the Serial Port 2 Mux. The state of these muxes is set at reset based on the
state of the GPIO6 and GPIO7 pins. The External Bus Selection Register (XBSR) reflects the
configuration of these muxes after the 5502 comes out of reset.
The Parallel Port Mux of the 5502 controls the function of 20 address signals (pins A[21:2]), 32 data
signals (pins D[31:0]), and 16 control signals (pins C0 through C15). The Parallel Port Mux supports two
different modes:
• Full EMIF mode: The EMIF is enabled and its 20 address, 32 data, and 16 control signals are routed
to their corresponding pins on the Parallel Port Mux.
• Non-multiplexed HPI mode: The HPI is enabled with its 16 address, 16 data, and 9 control signals
routed to their corresponding pins on the Parallel Port Mux. Moreover, 16 control signals, 4 address
signals, and 16 data signals of the Parallel Port Mux that are not needed for HPI operation are set to
general-purpose I/O (PGPIO).
The mode of the Parallel Port Mux is determined by the state of the GPIO6 pin at reset. If GPIO6 is low,
the EMIF will be disabled and the HPI will be enabled in non-multiplexed mode: pins A[17:2] are set to
HPI.HA[15:0] and pins D[15:0] are set to HPI.HD[15:0]. All address, data, and control signals in the
Parallel Port Mux not needed by the HPI are set to parallel general-purpose I/O. The Parallel/Host Port
Mux Mode bit field in the External Bus Selection Register (XBSR) will also be set to 0 to reflect the
non-multiplexed HPI mode of the Parallel Port Mux.
If GPIO6 is high at reset, the HPI will be enabled in multiplexed mode and the EMIF will be fully enabled:
pins A[21:2] are set to EMIF.A[21:2], pins D[31:0] are set to EMIF[31:0], and pins C[15:0] are set to their
corresponding EMIF operation. The Parallel/Host Port Mux Mode bit field in the XBSR will be set to 1 to
reflect the full EMIF mode of the Parallel Port Mux. Note that in multiplexed mode, the HPI will use the
HD[7:0] pins to strobe in address and data information (see Section 3.8, Host-Port Interface (HPI), for
more information on the operation of the HPI in multiplexed and non-multiplexed modes).
Table 3-4 lists the individual routing of the EMIF, PGPIO, and HPI signals to the external parallel address,
data, and control buses.
38
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com