Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 53Page - Texas Instruments TMS320VC5502 Datasheet HTML 54Page - Texas Instruments TMS320VC5502 Datasheet HTML 55Page - Texas Instruments TMS320VC5502 Datasheet HTML 56Page - Texas Instruments TMS320VC5502 Datasheet HTML 57Page - Texas Instruments TMS320VC5502 Datasheet HTML 58Page - Texas Instruments TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 189 page
background image
www.ti.com
3.10.2
Clock Groups
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.1.4
Frequency Ranges for Internal Clocks
There are specific minimum and maximum reference clocks for all of the internal clocks. Table 3-11 lists
the minimum and maximum frequencies for the internal clocks of the TMS320VC5502.
Table 3-11. Internal Clocks Frequency Ranges
(1)
VC5502-200
VC5502-300
CLOCK SIGNAL
UNIT
MIN
MAX
MIN
MAX
OSCOUT (CLKMD = 0)
5
20
5
20
MHz
PLLREF (PLLEN = 1)
12
100
12
100
MHz
PLLOUT (PLLEN = 1)
70
200
70
300
MHz
CLKOUT3
–
200
–
300
MHz
SYSCLK1
–
150
–
150
MHz
SYSCLK2
–
SYSCLK1
–
SYSCLK1
MHz
SYSCLK3
–
SYSCLK1(2)
–
SYSCLK1(2)
MHz
(1)
Also see the electrical specification (timing requirements and switching characteristics parameters) in Section 5.6, Clock Options, of this
data manual.
(2)
When an internal clock is used for the EMIF module, the frequency for SYSCLK3 must also be less than or equal to 100 MHz. When an
external clock is used, the maximum frequency of SYSCLK3 can be equal to or less than the frequency of SYSCLK1; however, the
frequency of the clock signal applied to the ECLKIN pin must be less than or equal to 100 MHz.
The TMS320VC5502 has four clock groups: the C55x Subsystem Clock Group, the Fast Peripherals Clock
Group, the Slow Peripherals Clock Group, and the External Memory Interface Clock Group. Clock groups
allow for lower power and performance optimization since the frequency of groups with no high-speed
requirements can be set to 1/4 or 1/2 the frequency of other groups.
3.10.2.1
C55x Subsystem Clock Group
The C55x Subsystem Clock Group includes the C55x CPU core, internal memory (DARAM and ROM), the
ICACHE, and all CPU-related modules. The input clock to this clock group is taken from the CLKOUT3
signal (as shown in Figure 3-12), the source of which can be controlled through the CLKOUT3 Select
Register (CK3SEL). The different options for the CLKOUT3 signal are intended for test purposes; it is
recommended that the CK3SEL bits of the CK3SEL register be kept at their default value of '1011b' during
normal operation. When operating the clock generator in PLL Mode, the frequency of CLKOUT3 can be
set by adjusting the divider and multiplier values of D0 and M1 through the PLLDIV0 and PLLM registers,
respectively.
3.10.2.2
Fast Peripherals Clock Group
The Fast Peripherals Clock Group includes the DMA, HPI, and the timers. The input clock to this clock
group is taken from the output of divider 1 (D1) (as shown in Figure 3-12). By default, the divider is set to
divide its input clock by four, but the divide value can be changed to divide-by-1 or divide-by-2 by
modifying the PLLDIV1 bits of the PLL Divider1 Register (PLLDIV1) through software.
3.10.2.3
Slow Peripherals Clock Group
The Slow Peripherals Clock Group includes the McBSPs, I
2C, and the UART. The input clock to this clock
group is taken from the output of divider 2 (D2). by default, the divider is set to divide its input clock by
four, but the divide value can be changed to divide-by-1 or divide-by-2 by modifying the PLLDIV2 bits of
the PLL Divider2 Register (PLLDIV2) through software. The clock frequency of the Slow Peripherals Clock
Group must be equal to or less than that of the Fast Peripherals Clock Group.
Functional Overview
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com