Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 189 page
background image
www.ti.com
3.3.2
Host Port Mux
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-4. TMS320VC5502 Routing of Parallel Port Mux Signals
PARALLEL/HOST PORT MUX MODE = 0
PARALLEL/HOST PORT MUX MODE = 1
PIN
(HPI NON-MULTIPLEX)
(FULL EMIF)
Address Bus
A[17:2]
HPI.HA[15:0]
EMIF.A[17:2]
A[21:18]
PGPIO[3:0]
EMIF.A[21:18]
Data Bus
D[15:0]
HPI.HD[15:0]
EMIF.D[15:0]
D[31:16]
PGPIO[19:4]
EMIF.D[31:16]
Control Bus
C0
PGPIO20
EMIF.ARE/SADS/SDCAS/SRE
C1
PGPIO21
EMIF.AOE/SOE/SDRAS
C2
PGPIO22
EMIF.AWE/SWE/SDWE
C3
PGPIO23
EMIF.ARDY
C4
PGPIO24
EMIF.CE0
C5
PGPIO25
EMIF.CE1
C6
PGPIO26
EMIF.CE2
C7
PGPIO27
EMIF.CE3
C8
PGPIO28
EMIF.BE0
C9
PGPIO29
EMIF.BE1
C10
PGPIO30
EMIF.BE2
C11
PGPIO31
EMIF.BE3
C12
PGPIO32
EMIF.SDCKE
C13
PGPIO33
EMIF.SOE3
C14
PGPIO34
EMIF.HOLD
C15
PGPIO35
EMIF.HOLDA
The 5502 Host Port Mux controls the function of 8 data signals (pins HD[7:0]) and 2 control signals (pins
HC0 and HC1). The Host Port Mux supports two different modes:
• 8-bit multiplexed mode: The HPI's 8 data and 2 control signals are routed to their corresponding pins
on the Host Port Mux.
• Parallel general-purpose I/O mode: All pins on the Host Port Mux are routed to PGPIO. The HPI is
enabled to 16-bit (non-multiplexed) mode, but communicates through the Parallel Port Mux.
The mode of the Host Port Mux is determined by the state of the GPIO6 pin at reset. If GPIO6 is low, the
pins of the Host Port Mux will be set to PGPIO. The HPI will still be enabled, but it will communicate
through the Parallel Port Mux. The Parallel/Host Port Mux Mode bit of the External Bus Control Register
will be set to 0 to reflect the PGPIO mode of the Host Port Mux.
If GPIO6 is high, the HPI will be enabled in 8-bit (multiplexed) mode: pins HD[7:0] are set to HPI.HD[7:0],
and HC0 and HC1 are set to HPI.HAS and HPI.HBIL, respectively. The Parallel/Host Port Mux Mode bit
field in the XBSR will be set to 1 to reflect the HPI multiplexed mode of the Host Port Mux. See
Section 3.8, Host-Port Interface (HPI), for more information on the operation of the HPI in multiplexed and
non-multiplexed modes.
Table 3-5 lists the individual routing of the HPI and PGPIO signals to the Host Port Mux pins.
Functional Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com